Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9015QLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L9015QLT1G
Description  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9015QLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L9015QLT1G Datasheet HTML 1Page - Leshan Radio Company L9015QLT1G Datasheet HTML 2Page - Leshan Radio Company L9015QLT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L9015*LT1-2/3
L9015*LT1
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
45
-
-
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
(IE=100µA)
Collector-Base Breakdown Voltage
V(BR)CBO
50
-
-
V
(IC=100µA)
Collector Cutoff Current (VCB=40V)
ICBO
-
-
100
nA
Emitter Cutoff Current (VEB=3V)
IEBO
100
nA
ON CHARACTERISTICS
DC Current Gain
(IC=1mA, VCE=5V)
HFE
150
-
600
Collector-Emitter Saturation Voltage
(IC=100mA,IB=5mA)
VCE
-
-
0.3
V
NOTE:
*
Q
R
S
HFE
150~300
200~400
300~600
Characteristic


Similar Part No. - L9015QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G Datasheet
100Kb / 4P
   General Purpose Transistors
L9015QLT1G LRC-L9015QLT1G Datasheet
119Kb / 4P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L9015QLT1G LEIDITECH-L9015QLT1G Datasheet
422Kb / 4P
   PNP Silicon
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G_15 Datasheet
160Kb / 4P
   General Purpose Transistors
More results

Similar Description - L9015QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com