Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5311DW1T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMUN5311DW1T1
Description  Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5311DW1T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN5311DW1T1 Datasheet HTML 1Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 2Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 3Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 4Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 5Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 6Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 7Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 8Page - Leshan Radio Company LMUN5311DW1T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5311DW–1/29
1
3
2
LMUN5311DW1T1
Series
SOT-363/SC-88
6
4
5
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter resistor. These digital tran-
sistors are designed to replace a single device and its external resistor bias network. The BRT
eliminates these individual components by integrating them into a single device. In the
LMUN5311DW1T1 series, two complementary BRT devices are housed in the SOT–363 package
which is ideal for low power surface mount applications where board space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Pb-Free Package is available
Dual Bias Resistor Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
XX
MARKING DIAGRAM
13
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
the device marking table on page 2 of
this data sheet.
xx = Device Marking
= (See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1
and Q 2 , – minus sign for Q 1 (PNP) omitted)
Rating
Symbol Value
Unit
Collector-Base Voltage
V CBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
Collector Current
I C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
P D
187 (Note 1.)
mW
T A = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θJA
670 (Note 1.)
°C/W
Junction-to-Ambient
490 (Note 2.)
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
T A = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad


Similar Part No. - LMUN5311DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
More results

Similar Description - LMUN5311DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMC2DXV5T1 ONSEMI-EMC2DXV5T1_05 Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com