Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8049 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN8049
Description  1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8049 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN8049 Datasheet HTML 2Page - Panasonic Semiconductor AN8049 Datasheet HTML 3Page - Panasonic Semiconductor AN8049 Datasheet HTML 4Page - Panasonic Semiconductor AN8049 Datasheet HTML 5Page - Panasonic Semiconductor AN8049 Datasheet HTML 6Page - Panasonic Semiconductor AN8049 Datasheet HTML 7Page - Panasonic Semiconductor AN8049 Datasheet HTML 8Page - Panasonic Semiconductor AN8049 Datasheet HTML 9Page - Panasonic Semiconductor AN8049 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AN8049FHN
Voltage Regulators
6
Pin No.
Equivalent circuit
Description
I/O
1
DT2:
I
Sets the channel 2 soft start time.
Set the time by connecting a capacitor
between this pin and ground.
Note that although the channel 2
maximum on duty is set internally to
86%, the maximum on duty can be set
to a value of 86% or less by inserting
a resistor between this pin and ground,
and can be set to a value of 86% or
more by inserting a resistor between
this pin and the VREF pin.
2
DT1:
Sets the channel 1 soft start time.
Set the time by connecting a capacitor
between this pin and ground.
Note that although the channel 1
maximum on duty is set internally to
86%, the maximum on duty can be set
to a value of 86% or less by inserting
a resistor between this pin and ground,
and can be set to a value of 86% or
more by inserting a resistor between
this pin and the VREF pin.
3
CTL3:
I
Controls the on/off state of channel 3.
A delay can be provided in the power
supply turn-on start time by connecting
a capacitor between this pin and ground.
tDLY3 = 1.26 (V) × CCTL3 (µF)/1.1 (µA) (s)
This pin can also be used to control the
on/off state with an external signal.
In that case, the allowable input voltage
range is from 0 V to VCC. Note that
during U.V.L.O. and timer latch
operation, this pin is connected to
ground through a 20 k
Ω resistor.
s Terminal Equivalent Circuit
PWM2
50 k
50 k
1
7
15
20
PWM1
50 k
50 k
15
22
7
2
1.26 V
VCC
20 k
1.1
µA
High
channel 3 operation
is turned off.
3


Similar Part No. - AN8049

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8049 PANASONIC-AN8049 Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
More results

Similar Description - AN8049

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8016NSH PANASONIC-AN8016NSH Datasheet
134Kb / 17P
   Single-channel 1.8-volt step-up DC-DC converter control IC
AN8017SA PANASONIC-AN8017SA Datasheet
205Kb / 25P
   1.8-volt 2-channel step-up DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Panasonic Semiconductor
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com