Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT5087LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT5087LT1G
Description  Low Noise Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5087LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT5087LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT5087LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT5087LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT5087LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT5087LT1G Datasheet HTML 5Page - Leshan Radio Company LMBT5087LT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M17–3/6
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 + 4KTR
S + I n
2 R
S
2
4KTR
S
LMBT5087LT1
TYPICAL NOISE CHARACTERISTICS
(V
CE = – 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
Figure 2. Noise Current
I
C , COLLECTOR CURRENT (µA)
Figure 3. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 5. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
BANDWIDTH = 1.0 Hz
R
S
0
I
C=10 µA
100
µA
30
µA
300
µA
1.0mA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = – 5.0 Vdc, T A = 25°C)
10
7.0
5.0
3.0
2.0
1.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500
700 1.0K
10
20
30
50
70
100
200
300
500
700 1.0K
10
20
30
50
70
100
200
300
500
700 1.0K
0.5dB
1.0dB
2.0dB
3.0dB
1.0dB
2.0dB
3.0dB
5.0dB
0.5dB
1.0dB
2.0dB
3.0 dB
5.0dB
10 Hz to 15.7kHz
10
µA
0.5dB
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
5.0dB
~
~
~
~


Similar Part No. - LMBT5087LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5087LT1G LRC-LMBT5087LT1G Datasheet
163Kb / 7P
   Low Noise Transistor PNP Silicon RoHS requirements.
LMBT5087LT1G LRC-LMBT5087LT1G_11 Datasheet
163Kb / 7P
   Low Noise Transistor PNP Silicon RoHS requirements.
LMBT5087LT1G LRC-LMBT5087LT1G_15 Datasheet
163Kb / 7P
   Low Noise Transistor
More results

Similar Description - LMBT5087LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2484LT1 MOTOROLA-MMBT2484LT1 Datasheet
291Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G Datasheet
196Kb / 5P
   Low Noise Transistor
August, 2009 ??Rev. 4
logo
Yea Shin Technology Co....
MMBT5087 YEASHIN-MMBT5087 Datasheet
836Kb / 7P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G_16 Datasheet
227Kb / 5P
   Low Noise Transistor
October, 2016 ??Rev. 5
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
MMBT5087L ONSEMI-MMBT5087L Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
logo
Fairchild Semiconductor
KST5088MTF FAIRCHILD-KST5088MTF Datasheet
62Kb / 5P
   Low Noise Transistor
KST5087MTF FAIRCHILD-KST5087MTF Datasheet
63Kb / 4P
   Low Noise Transistor
KST5088 FAIRCHILD-KST5088 Datasheet
56Kb / 5P
   Low Noise Transistor
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com