Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3Z47VT1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LM3Z47VT1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z47VT1 Datasheet(HTML) 6 Page - Leshan Radio Company

  LM3Z47VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z47VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z47VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z47VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z47VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z47VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D-6/6
PACKAGE DIMENSIONS
SOD-323
H
J
C
E
MIN
MAX
MIN
MAX
A
B
C
D
E
H
J
K
1.60
1.15
0.80
0.25
0.00
0.089
2.30
1.80
1.35
1.00
0.40
0.10
0.177
2.7
0
0.063
0.045
0.031
0.010
0.0000
0.0035
0.091
0.071
0.053
0.039
0.016
0.004
0.0070
0.106
DIN
MILLIMETERS
INCHES
0.15 REF
0.006 REF
NOTES:
1. CONTROLLING DIMENSION: MILLIMETERS
2. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
SOLDER PLATING.
A
B
D
K
1
2
SOD-323
1
2
LM3Z2V4T1 SERIES
0.63
0.02
''
0.83
0.033
''
1.60
0.063
"
2.85
0.112
''
mm
inches
STYLE 1:
PIN 1: CATHODE
2: ANODE


Similar Part No. - LM3Z47VT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3Z47VT1G LRC-LM3Z47VT1G Datasheet
106Kb / 6P
   Zener Voltage Regulators
LM3Z47VT1G LRC-LM3Z47VT1G Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
LM3Z47VT1G LEIDITECH-LM3Z47VT1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3Z47VT1G LRC-LM3Z47VT1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results

Similar Description - LM3Z47VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com