Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC18I Datasheet(PDF) 3 Page - Protek Devices

Part # GBLC18I
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC18I Datasheet(HTML) 3 Page - Protek Devices

  GBLC18I Datasheet HTML 1Page - Protek Devices GBLC18I Datasheet HTML 2Page - Protek Devices GBLC18I Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05242.R0 2/06
GBLC05I
thru
GBLC24CI
PACKAGE OUTLINE & DIMENSIONS
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e.,
GBLC05I-T7.
3. Suffix - LF = Lead-Free, Pure-Tin Plating,i.e.,
GBLC05CI-LF-T7.
A
B
C
D
E
F
H
1.60
1.15
2.39
0.92
0.25
0.10
-
1.90
1.45
2.70
1.10
0.40
0.20
0.10
0.063
0.045
0.094
0.036
0.010
0.004
-
0.075
0.057
0.106
0.043
0.016
0.008
0.004
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Controlling Dimensions in Millimeters.
2. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOD-323 PACKAGE
MOUNTING PAD
0.118”
(3.00mm)
0.031”
(0.80mm)
0.031”
(0.80mm)
C
A
F
D
F
D
H
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
Indicated
by Band
Note: Cathode Band
for Unidirectional
Parts Only
Tape & Reel Specifications (Dimensions in millimeters)
DE
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
1.55 ± 0.10 2.90 ± 0.10 1.35 ± 0.10
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Outline & Dimensions: Rev 2 - 9/05, 06010


Similar Part No. - GBLC18I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC18I PROTEC-GBLC18I Datasheet
72Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC18I PROTEC-GBLC18I Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC18I PROTEC-GBLC18I Datasheet
604Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Guangdong Youtai Semico...
GBLC18I UMW-GBLC18I Datasheet
450Kb / 5P
   Handheld - Wireless Systems
More results

Similar Description - GBLC18I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com