Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA180 Datasheet(PDF) 3 Page - Protek Devices

Part # 15KPA180
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA180 Datasheet(HTML) 3 Page - Protek Devices

  15KPA180 Datasheet HTML 1Page - Protek Devices 15KPA180 Datasheet HTML 2Page - Protek Devices 15KPA180 Datasheet HTML 3Page - Protek Devices 15KPA180 Datasheet HTML 4Page - Protek Devices 15KPA180 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05024.R10 1/06
15KPA17A
thru
15KPA280A
ELECTRICAL CHARACTERISTICS @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 & 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
15KPA75
15KPA75A
15KPA78
15KPA78A
15KPA85
15KPA85A
15KPA90
15KPA90A
15KPA100
15KPA100A
15KPA110
15KPA110A
15KPA120
15KPA120A
15KPA130
15KPA130A
15KPA150
15KPA150A
15KPA160
15KPA160A
15KPA170
15KPA170A
15KPA180
15KPA180A
15KPA200
15KPA200A
15KPA220
15KPA220A
15KPA240
15KPA240A
15KPA260
15KPA260A
15KPA280
15KPA280A
75.0
75.0
78.0
78.0
85.0
85.0
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
150.0
150.0
160.0
160.0
170.0
170.0
180.0
180.0
200.0
200.0
220.0
220.0
240.0
240.0
260.0
260.0
280.0
280.0
83.3
83.3
86.7
86.7
94.4
94.4
100.0
100.0
111.0
111.0
122.0
122.0
133.0
133.0
144.0
144.0
167.0
167.0
178.0
178.0
189.0
189.0
200.0
200.0
222.0
222.0
245.0
245.0
267.0
267.0
289.0
289.0
311.0
311.0
135.0V @ 111.0A
122.0V @ 123.0A
140.0V @ 107.0A
126.0V @ 119.0A
152.0V @ 99.0A
137.0V @ 109.0A
160.0V @ 94.0A
146.0V @ 103.0A
179.0V @ 84.0A
162.0V @ 93.0A
196.0V @ 77.0A
178.0V @ 84.0A
214.0V @ 70.0A
193.0V @ 78.0A
231.0V @ 65.0A
209.0V @ 72.0A
268.0V @ 56.0A
243.0V @ 62.0A
287.0V @ 52.0A
259.0V @ 58.0A
304.0V @ 49.0A
275.0V @ 55.0A
321.0V @ 47.0A
291.0V @ 52.0A
356.0V @ 42.0A
322.0V @ 47.0A
393.0V @ 38.0A
356.0V @ 42.0A
428.0V @ 35.0A
388.0V @ 39.0A
464.0V @ 32.0A
419.0V @ 36.0A
500.0V @ 30.0A
452.0V @ 33.0A
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
100
89
104
93
113
102
120
109
134
121
147
133
161
145
174
157
202
183
216
195
229
207
242
219
269
243
297
269
324
293
352
317
378
342
MIN
V(BR)
VOLTS
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
@I
T
mA
Note 1: Part numbers shown are unidirectional devices. Add a “CA” suffix to specify bidirectional devices, such as 15KPA20CA.
Note 2: V
F = 7.5 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.


Similar Part No. - 15KPA180

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
15KPA180 NJSEMI-15KPA180 Datasheet
1Mb / 2P
   HIGHCURRENT THRU-HOLE DISCRETE TVS DIODE
logo
Protek Devices
15KPA180 PROTEC-15KPA180 Datasheet
422Kb / 7P
   15kW power tvs component
logo
Ruilongyuan Electronics...
15KPA180A RUILON-15KPA180A Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
15KPA180A SOCAY-15KPA180A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Leshan Radio Company
15KPA180A LRC-15KPA180A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
More results

Similar Description - 15KPA180

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com