Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8031 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN8031
Description  Active filter control IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8031 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN8031 Datasheet HTML 6Page - Panasonic Semiconductor AN8031 Datasheet HTML 7Page - Panasonic Semiconductor AN8031 Datasheet HTML 8Page - Panasonic Semiconductor AN8031 Datasheet HTML 9Page - Panasonic Semiconductor AN8031 Datasheet HTML 10Page - Panasonic Semiconductor AN8031 Datasheet HTML 11Page - Panasonic Semiconductor AN8031 Datasheet HTML 12Page - Panasonic Semiconductor AN8031 Datasheet HTML 13Page - Panasonic Semiconductor AN8031 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
AN8031
Voltage Regulators
s Application Notes (continued)
[2] Operation descriptions (continued)
1. Normal control (continued)
3) Description of each function (continued)
(1) VB (continued)
<Setting the VB terminal constant>
• Regulation by clamper in/out-current value
The allowable output current of the upper
limit voltage clamper is
−5 mA and the allow-
able input current of the lower limit voltage
clamper is
+5 mA.
Either one of these allowable values is ex-
ceeded, the voltage clamp operation of the VB
terminal is not guaranteed. Therefore, RB should
be set so that these values are not exceeded.
• Consumption current and delay
When the RB value is too large, the VB
threshold could be exceeded. When the RB value
is too small, the consumption current becomes
too large.
In order to determine the RB value prop-
erly, the input voltage range and the dispersion
of components should be taken into consider-
ation and it should be confirmed that a stable
operation can be ensured under start/overload
conditions or under a small load condition.
ID
SDB
VB lower limit
voltage clamp
current
VB upper limit
voltage clamp
current
Clamp upper
limit voltage
Time
Time
Lower limit
voltage clamp
Upper limit
voltage clamp
VB
VB
threshold value
VB
VCC
AN8031
GND
Figure 5. Explanation of VB operation
VB
ID
IDS
IDS
Clamp upper
limit voltage
Reset operation
of inductor
AN8031
±5 mA or less
VB
RB
RB too large: Consumption current becomes small, however,
TOFF is extended by the delay amount because of low speed.
RB too small: Speed is high, however, consumption current
is small and undershoot tends to be generated easily.


Similar Part No. - AN8031

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8032 PANASONIC-AN8032 Datasheet
206Kb / 21P
   Active filter control IC
AN8035 PANASONIC-AN8035 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8035 PANASONIC-AN8035 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8035M PANASONIC-AN8035M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8035M PANASONIC-AN8035M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN8031

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8032 PANASONIC-AN8032 Datasheet
206Kb / 21P
   Active filter control IC
logo
Asahi Kasei Microsystem...
AP1158ADS AKM-AP1158ADS Datasheet
702Kb / 24P
   Active Noise Filter IC
AP1158 AKM-AP1158 Datasheet
737Kb / 25P
   Active Noise Filter IC
AP1035AER AKM-AP1035AER Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1034AEN AKM-AP1034AEN Datasheet
1Mb / 25P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1037 AKM-AP1037 Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1035AEN AKM-AP1035AEN Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1034 AKM-AP1034 Datasheet
1Mb / 25P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1035 AKM-AP1035 Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1037AER AKM-AP1037AER Datasheet
1Mb / 24P
   Stepper Motor Driver IC equipped with Active Decay Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com