Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38277MBMXXXHP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M38277MBMXXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38277MBMXXXHP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M38277MBMXXXHP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38277MBMXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3827 Group
GROUP EXPANSION
Mitsubishi plans to expand the 3827 group as follows:
Memory Type
Support for Mask ROM, One Time PROM, and EPROM versions
Memory Size
ROM/PROM size ................................................. 4 K to 60 K bytes
RAM size ............................................................ 192 to 2048 bytes
Package
100PFB-A ................................ 0.4 mm-pitch plastic molded TQFP
100P6Q-A ................................ 0.5 mm-pitch plastic molded LQFP
100P6S-A ................................ 0.65 mm-pitch plastic molded QFP
100D0 ..................... Window type ceramic LCC (EPROM version)
Currently supported products are listed below.
Memory Expansion Plan
Remarks
Package
Product
As of May 1998
RAM size (bytes)
32768
(32638)
(P) ROM size (bytes)
ROM size for User in (
)
61440
(61310)
Fig. 5 Memory expansion plan
Table 3 List of supported products
M38277M8MXXXFP
M38277M8MXXXHP
M38277M8MXXXGP
M38279EF-XXXFP
M38279EFFP
M38279EF-XXXHP
M38279EFHP
M38279EF-XXXGP
M38279EFGP
M38279EFFS
1024
2048
100P6S-A
100PFB-A
100P6Q-A
100P6S-A
100P6S-A
100PFB-A
100PFB-A
100P6Q-A
100P6Q-A
100D0
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
One Time PROM version
One Time PROM version (blank)
One Time PROM version
One Time PROM version (blank)
EPROM version
Note: Products under development or planning: the development schedule and specifications
may be revised without notice.
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1024
192
RAM size (bytes)
2048
1920
1152
1280
1408
1536
1664
1792
36K
40K
44K
48K
52K
56K
60K
Under development
M38277M8M
M38278MCM
Planning
M38279EF
Under development


Similar Part No. - M38277MBMXXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38277MBMXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com