Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDTC114TM3T5G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LDTC114TM3T5G
Description  Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC114TM3T5G Datasheet(HTML) 3 Page - Leshan Radio Company

  LDTC114TM3T5G Datasheet HTML 1Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 2Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 3Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 4Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 5Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 6Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 7Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 8Page - Leshan Radio Company LDTC114TM3T5G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LDTC114EM3T5G_S-3/10
LDTC114EM3T5G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
LDTC114EM3T5G
(VEB = 6.0 V, IC = 0)
LDTC124EM3T5G
LDTC144EM3T5G
LDTC114YM3T5G
LDTC114TM3T5G
LDTC143TM3T5G
LDTC123EM3T5G
LDTC143EM3T5G
LDTC143ZM3T5G
LDTC124XM3T5G
LDTC123JM3T5G
LDTC115EM3T5G
LDTC144WM3T5G
LDTC144TM3T5G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
0.2
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
LDTC114EM3T5G
(VCE = 10 V, IC = 5.0 mA)
LDTC124EM3T5G
LDTC144EM3T5G
LDTC114YM3T5G
LDTC114TM3T5G
LDTC143TM3T5G
LDTC123EM3T5G
LDTC143EM3T5G
LDTC143ZM3T5G
LDTC124XM3T5G
LDTC123JM3T5G
LDTC115EM3T5G
LDTC144WM3T5G
LDTC144TM3T5G
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
160
60
100
140
140
350
350
15
30
200
150
140
150
140
350
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
LDTC123EM3T5G
(IC = 10 mA, IB = 1 mA)
LDTC143TM3T5G/LDTC114TM3T5G/
LDTC143EM3T5G/LDTC143ZM3T5G/
LDTC124XM3T5G/LDTC144TM3T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
LDTC114EM3T5G
LDTC124EM3T5G
LDTC114YM3T5G
LDTC114TM3T5G
LDTC143TM3T5G
LDTC123EM3T5G
LDTC143EM3T5G
LDTC143ZM3T5G
LDTC124XM3T5G
LDTC123JM3T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
LDTC144EM3T5G
LDTC144TM3T5G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
LDTC115EM3T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
LDTC144WM3T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%.
Version 1.0


Similar Part No. - LDTC114TM3T5G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDTC114TM3T5G LEIDITECH-LDTC114TM3T5G Datasheet
1Mb / 14P
   Bias Resistor Transistors
More results

Similar Description - LDTC114TM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com