Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8037 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN8037
Description  AC-DC switching power supply control IC with standby mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8037 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN8037 Datasheet HTML 3Page - Panasonic Semiconductor AN8037 Datasheet HTML 4Page - Panasonic Semiconductor AN8037 Datasheet HTML 5Page - Panasonic Semiconductor AN8037 Datasheet HTML 6Page - Panasonic Semiconductor AN8037 Datasheet HTML 7Page - Panasonic Semiconductor AN8037 Datasheet HTML 8Page - Panasonic Semiconductor AN8037 Datasheet HTML 9Page - Panasonic Semiconductor AN8037 Datasheet HTML 10Page - Panasonic Semiconductor AN8037 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Voltage Regulators
AN8027, AN8037
s Application Notes
[1] Operation descriptions
1. Start/stop circuit block
• Startup mechanism
After the AC voltage is applied and the
supply voltage due to the current in the startup
resistor reaches the startup voltage and the IC
begins to operate, drive of the power MOSFET
begins. This causes a bias in the transformer, and
the supply voltage is provided to the IC from
the bias winding. (This is point a in figure 1.)
During the period between the point when the
startup voltage is reached, and the point when
the bias winding can generate a voltage enough
to supply the IC, the IC supply voltage is pro-
vided by the capacitor (C8) connected to VCC.
Since the supply voltage falls during this period
(area b in figure 1), if the supply voltage falls
below the IC stop-voltage before an adequate
supply voltage can be provided by the bias wind-
ing, it will not be possible to start the power sup-
ply. (This is the state at point c in figure 1.)
• Functions
This IC includes a function that monitors the VCC voltage. It starts IC operation when VCC reaches the startup
voltage (14.9 V typical), and stops operation when the voltage falls below the stop voltage (8.6 V typical). Since
a large voltage difference (6.3 V typical) is taken between the start and stop voltages, it is easy to select values for
the start resistor and the capacitor connected to VCC .
Note) To start up the IC operation, the startup current which is a pre-start current plus a circuit drive current is necessary.
Set the resistance value so as to supply a startup current of 400
µA.
2. Oscillation circuit
The oscillation circuit makes use of the charge and discharge of current to and from the capacitor CCF connected
to the CF pin (pin 3) to determine the switching timing of the power MOSFET.
The IC is in constant voltage control by changing the on-period of the power MOSFET without making off-
period change while the IC is in normal (RCC continuous) operation mode. At that time, the on-period is con-
trolled by directly changing the output pulse width of the oscillation circuit, and the maximum on-period can be
adjusted with input voltage compensation by detecting the input voltage with the flow of current from the TR pin
(TR source current). Refer to figure 2. When the IC is in standby mode (for light loads), the stable, efficient
control of the IC is ensured by detecting the flow of current from the FB pin (IFB) and changing the off-period for
a decrease in frequency. Refer to figure 3.
The following provides information on how to set on- and off-period.
• Setting the on-period
The output on-period is the discharge period when the CF pin is between the peak value oft VH-CF = 4 V
(typical) and VFB .
An approximate on-period of the power MOSFET is obtained from the following formula. Refer to figure 2.
TON = CCF × (VH-CF − VFB)/ION
whereas, VH-CF = 4 V typ.
ION = ITR + 250 µA typ.
ITR = (EIN × NB/NP − VZ)/RTR
VFB = 0.7 V typ. (IFB ≤ 200 µA)
VFB = 4 kΩ × IFB typ. (IFB > 200 µA)
GND
C8
b
Figure 1
Startup failure
Startup state
Voltage supplied
from bias winding
Startup
Standby
Startup
voltage
Stop
voltage
a
c
Rectified AC
Startup resistor
R1
VCC
VOUT


Similar Part No. - AN8037

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8031 PANASONIC-AN8031 Datasheet
205Kb / 21P
   Active filter control IC
AN8032 PANASONIC-AN8032 Datasheet
206Kb / 21P
   Active filter control IC
AN8035 PANASONIC-AN8035 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8035 PANASONIC-AN8035 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8035M PANASONIC-AN8035M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results

Similar Description - AN8037

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
   AC-DC switching power supply control IC
AN8022L PANASONIC-AN8022L Datasheet
119Kb / 16P
   AC-DC switching power supply control IC
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200_19 Datasheet
635Kb / 8P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350_19 Datasheet
627Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
NK-75 PAIRUI-NK-75_19 Datasheet
641Kb / 8P
   AC-DC Switching Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com