Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7915F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN7915F
Description  3-pin Negative Output Voltage Regulators 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7915F Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AN7915F Datasheet HTML 1Page - Panasonic Semiconductor AN7915F Datasheet HTML 2Page - Panasonic Semiconductor AN7915F Datasheet HTML 3Page - Panasonic Semiconductor AN7915F Datasheet HTML 4Page - Panasonic Semiconductor AN7915F Datasheet HTML 5Page - Panasonic Semiconductor AN7915F Datasheet HTML 6Page - Panasonic Semiconductor AN7915F Datasheet HTML 7Page - Panasonic Semiconductor AN7915F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
120
100
80
60
40
20
0
10
100
AN7905T/F
IO
=100mA
1k
10k
100k
Frequency f (Hz)
RR– f
16
14
12
10
8
6
4
2
0
0
40
80
120
160
Ambient Temperature Ta (˚C)
PD –Ta (AN7900F Series)
1.4
1.2
1.0
0.8
0.6
0.4
–50
0
50
100
150
Junction Temperature Tj (˚C)
VDIF (min.) –Tj
IO
=1000mA
I
O
=5
00m
A
I
O
=200mA
I
O
=2
0mA
02468
10
10
0
–10
–20
20
15
10
5
Input Transient Response
AN7905T/F
0
1020304050
1
0
–1
–2
2
1
0
Load Transient Response
AN7905T/F
16
14
12
10
8
6
4
2
0
0
40
80
120
160
Ambient Temperature Ta (˚C)
(1) Infinite Heat Sink
(2) 5˚C/W Heat Sink
(3) 15˚C/W Heat Sink
(4) No Heat Sink
(1) Infinite Heat Sink
(2) 5˚C/W Heat Sink
(3) 15˚C/W Heat Sink
(4) No Heat Sink
(1)
(2)
(3)
(4)
(1)
(2)
(3)
(4)
Time t (
µs)
Time t (
µs)
PD –Ta (AN7900T Series)
s Basic Regulator Circuit
s Application Circuit
–VO
–VO
2
µF
1
µF
–VI
IO
Ibias
6
Q1
AN7900T
AN7900F
AN7900T
AN7900F
2
1
3
2
3
1
R2
R1
VO´
–VI
|VO|
=V
O´ + Ibias +
R1
R2
VO´
+
+
2
µF
1
µF
+
+
1) Current Bootstrap Circuit
2) Adjustable Output Regulator
s Characteristic Curve
CI : Required when the input line is long
CO : Improves the transient response.
CO
CI
Input
Output
AN7900T
AN7900F
Common
2
3
1
+
+


Similar Part No. - AN7915F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7915 ETC2-AN7915 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7915F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com