Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8022SB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8022SB
Description  AC-DC switching power supply control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8022SB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8022SB Datasheet HTML 1Page - Panasonic Semiconductor AN8022SB Datasheet HTML 2Page - Panasonic Semiconductor AN8022SB Datasheet HTML 3Page - Panasonic Semiconductor AN8022SB Datasheet HTML 4Page - Panasonic Semiconductor AN8022SB Datasheet HTML 5Page - Panasonic Semiconductor AN8022SB Datasheet HTML 6Page - Panasonic Semiconductor AN8022SB Datasheet HTML 7Page - Panasonic Semiconductor AN8022SB Datasheet HTML 8Page - Panasonic Semiconductor AN8022SB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN8022L, AN8022SB
Voltage Regulators
2
s Pin Descriptions
• AN8022L
Pin No.
Symbol
Description
1
SS
Soft start pin
2
RT
Resistor connection pin that determines charge and discharge current of triangular wave
3
CT
Triangular wave generating capacitor connection pin
4
CLM(
−)
Pulse-by-pulse overcurrent protection input pin
5
GND
Grounding pin
6VOUT
Power MOSFET direct drive pin
7VCC
Power supply voltage pin
8
TIM/OVP
Pin for overvoltage protection and timer latch (joint use)
9
IFB
Current feedback signal input pin from power-supply-output photocoupler
Pin No. Symbol
Description
1
PGND
Grounding pin
2VOUT
Power MOSFET direct drive pin
3PVCC
Power supply voltage pin
4SVCC
Power supply voltage pin
5
TIM/OVP
Pin for overvoltage protection and
timer latch combined use
6
IFB
Power supply output photocoupler
current feedback signal input pin
7
N.C.
N.C.
8
N.C.
N.C.
9
N.C.
N.C.
Pin No. Symbol
Description
10
N.C.
N.C.
11
SS
Soft start pin
12
RT
Charge and discharge current of
triangular wave determining resistance
connection pin
13
CT
Triangular wave generating capacitance
connection pin
14
N.C.
N.C.
15
CLM(
−) Pulse-by-pulse overcurrent protection
input pin
16
SGND
Grounding pin
• AN8022SB
s Block Diagram
VREF
Start/Stop
Drive
PWM
Reset
4.1 V
VCC
(3)PVCC
7
VOUT
(2)
6
CLM(
−)
(15)
4
GND
(1)PGND
5
(16)SGND
TIM/OVP
(5)
8
OVP
CLM
OSC
OCL
FB
CT
(13)
3
RT
(12)
2
Note) The number in ( ) shows the pin number for the AN8022SB.


Similar Part No. - AN8022SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
   AC-DC switching power supply control IC
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
AN8021SB PANASONIC-AN8021SB Datasheet
141Kb / 16P
   AC-DC switching power supply control IC
AN8025 PANASONIC-AN8025 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8025 PANASONIC-AN8025 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN8022SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
   AC-DC switching power supply control IC
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
   AC-DC switching power supply control IC with standby mode
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
logo
List of Unclassifed Man...
LN5R12C ETC2-LN5R12C Datasheet
161Kb / 3P
   LN5R12C AC / DC Switching power supply controller IC
logo
Panasonic Semiconductor
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
logo
Fuji Electric
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com