Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP200A Datasheet(PDF) 2 Page - Protek Devices

Part # 15KP200A
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP200A Datasheet(HTML) 2 Page - Protek Devices

  15KP200A Datasheet HTML 1Page - Protek Devices 15KP200A Datasheet HTML 2Page - Protek Devices 15KP200A Datasheet HTML 3Page - Protek Devices 15KP200A Datasheet HTML 4Page - Protek Devices 15KP200A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05023.R8 1/05
15KP17A
thru
15KP280A
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp =10/1000µs) - See Fig. 1
Forward Surge Rating (1/20 seconds) - See Note 2
SYMBOL
VALUE
1.0
Watts
Amps
200
Watts
UNITS
15,000
IF
PPP
PD
PARAMETER
Steady State Power Dissipation
-55 to +150
0
C
Storage Temperature
-55 to +150
0
C
TJ
Operating Temperature
TSTG
ELECTRICAL CHARACTERISTICS @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 & 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
θV
(BR)
mV/°C
15KP17
15KP17A
15KP18
15KP18A
15KP20
15KP20A
15KP22
15KP22A
15KP24
15KP24A
15KP26
15KP26A
15KP28
15KP28A
15KP30
15KP30A
15KP33
15KP33A
15KP36
15KP36A
15KP40
15KP40A
15KP43
15KP43A
15KP45
15KP45A
15KP48
15KP48A
15KP51
15KP51A
15KP54
15KP54A
15KP58
15KP58A
15KP60
15KP60A
15KP64
15KP64A
15KP70
15KP70A
17.0
17.0
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
18.9
18.9
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
32.3V @ 464.0A
29.3V @ 512.0A
34.2V @ 439.0A
30.9V @ 485.0A
37.9V @ 396.0A
34.3V @ 437.0A
41.1V @ 365.0A
37.1V @ 404.0A
45.0V @ 333.0A
40.7V @ 369.0A
48.7V @ 308.0A
44.0V @ 341.0A
52.4V @ 286.0A
47.5V @ 316.0A
56.2 V @ 267.0A
50.7V @ 296.0A
60.6V @ 248.0A
54.8V @ 274.0A
66.0V @ 227.0A
59.7V @ 251.0A
72.8V @ 206.0A
65.8V @ 228.0A
77.1V @ 195.0A
69.7V @ 215.0A
80.7V @ 186.0A
73.0V @ 205.0A
85.9V @ 175.0A
77.7V @ 193.0A
91.5V @ 164.0A
82.8V @ 181.0A
96.8V @ 155.0A
87.5V @ 171.0A
104.0V @ 144.0A
94.0V @ 160.0A
107.0V @ 140.0A
97.3V @ 154.0A
115.0V @ 130.0A
104.0V @ 144.0A
126.0V @ 119.0A
114.0V @ 132.0A
5000
5000
5000
5000
1500
1500
500
500
150
150
50
50
25
25
15
15
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
19
17
20
18
24
21
27
24
30
27
32
29
35
31
27
34
42
38
46
41
51
46
55
50
57
52
62
56
66
60
70
63
76
68
78
71
84
76
92
83
MIN
V(BR)
VOLTS
50
50
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
@I
T
mA


Similar Part No. - 15KP200A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP200A EIC-15KP200A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP200A DIGITRON-15KP200A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP200A MICROSEMI-15KP200A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
List of Unclassifed Man...
15KP200A ETC2-15KP200A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Littelfuse
15KP200A LITTELFUSE-15KP200A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP200A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com