Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA22 Datasheet(PDF) 5 Page - Protek Devices

Part # 15KPA22
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA22 Datasheet(HTML) 5 Page - Protek Devices

  15KPA22 Datasheet HTML 1Page - Protek Devices 15KPA22 Datasheet HTML 2Page - Protek Devices 15KPA22 Datasheet HTML 3Page - Protek Devices 15KPA22 Datasheet HTML 4Page - Protek Devices 15KPA22 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.protekdevices.com
05024.R10 1/06
15KPA17A
thru
15KPA280A
PACKAGE OUTLINE & DIMENSIONS
Outline & Dimensions: Rev 0 - 12/01, 06028
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
2. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e.,
15KPA90A-LF.
A
B
C
D
E
-
9.10
-
1.30 DIA
9.10
1.00
0.34
1.00
0.048 DIA
0.34
-
0.36
-
0.052 DIA
0.36
24.5
8.60
24.5
1.20 DIA
8.60
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
PACKAGE OUTLINE
AXIAL LEAD
E
A
B
C
D
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


Similar Part No. - 15KPA22

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA22 PROTEC-15KPA22 Datasheet
420Kb / 7P
   15kW power tvs component
logo
New Jersey Semi-Conduct...
15KPA22 NJSEMI-15KPA22 Datasheet
1Mb / 2P
   HIGHCURRENT THRU-HOLE DISCRETE TVS DIODE
logo
Protek Devices
15KPA22 PROTEC-15KPA22 Datasheet
422Kb / 7P
   15kW power tvs component
logo
New Jersey Semi-Conduct...
15KPA220 NJSEMI-15KPA220 Datasheet
1Mb / 2P
   HIGHCURRENT THRU-HOLE DISCRETE TVS DIODE
logo
Protek Devices
15KPA220 PROTEC-15KPA220 Datasheet
422Kb / 7P
   15kW power tvs component
More results

Similar Description - 15KPA22

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com