Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9261AMB Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML9261AMB
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261AMB Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML9261AMB Datasheet HTML 4Page - OKI electronic componets ML9261AMB Datasheet HTML 5Page - OKI electronic componets ML9261AMB Datasheet HTML 6Page - OKI electronic componets ML9261AMB Datasheet HTML 7Page - OKI electronic componets ML9261AMB Datasheet HTML 8Page - OKI electronic componets ML9261AMB Datasheet HTML 9Page - OKI electronic componets ML9261AMB Datasheet HTML 10Page - OKI electronic componets ML9261AMB Datasheet HTML 11Page - OKI electronic componets ML9261AMB Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
8/16
AC Characteristics-1
(VDD = 4.5 to 5.5 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
CLK Pulse Width
tW (CLK)
80
150
ns
DIN Setup Time
tSU (D-CLK)
50
ns
DIN Hold Time
tH (CLK-D)
50
ns
CLK-LS Setup Time
tSU (CLK-LS)
50
ns
tSU (LS-CLK)
During normal operation
50
ns
LS-CLK Setup Time
tSU (L-CLK)
At display data reset
50
ns
CLK-LS Hold Time
tH (CLK-L)
At display data reset
50
ns
LS-CHG Setup Time
tSU (LS-CHG)
50
ns
LS-
CL Setup Time
tSU (LS-CL)
50
ns
LS Pulse Width
tW (LS)
80
ns
CHG Pulse Width
tW (CHG)
10
µs
CL Pulse Width
tW (CL)
10
µs
DOUT Delay time
tPD, tPRD
Load: 30 pF
50
ns
tDLH
2.0
µs
tDHL
2.0
µs
Driver Output Delay Time
tDRHL
VDISP = 40 V
Load: 1.0 k
Ω resistance in
parallel with 20 pF capacitance
2.0
µs
tTLH
5.0
µs
Driver Output Slew Rate
tTHL
VDISP = 40 V
Load: 1.0 k
Ω resistance in
parallel with 20 pF capacitance
5.0
µs
AC Characteristics-2
(VDD = 3.0 to 3.6 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
CLK Pulse Width
tW (CLK)
80
150
ns
DIN Setup Time
tSU (D-CLK)
50
ns
DIN Hold Time
tH (CLK-D)
50
ns
CLK-LS Setup Time
tSU (CLK-LS)
50
ns
tSU (LS-CLK)
During normal operation
50
ns
LS-CLK Setup Time
tSU (L-CLK)
At display data reset
50
ns
CLK-LS Hold Time
tH (CLK-L)
At display data reset
50
ns
LS-CHG Setup Time
tSU (LS-CHG)
50
ns
LS-
CL Setup Time
tSU (LS-CL)
50
ns
LS Pulse Width
tW (LS)
80
ns
CHG Pulse Width
tW (CHG)
10
µs
CL Pulse Width
tW (CL)
10
µs
DOUT Delay time
tPD, tPRD
Load: 30 pF
50
ns
tDLH
3.0
µs
tDHL
3.0
µs
Driver Output Delay Time
tDRHL
VDISP = 40 V
Load: 1.0 k
Ω resistance in
parallel with 20 pF capacitance
3.0
µs
tTLH
5.0
µs
Driver Output Slew Rate
tTHL
VDISP = 40 V
Load: 1.0 k
Ω resistance in
parallel with 20 pF capacitance
5.0
µs


Similar Part No. - ML9261AMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results

Similar Description - ML9261AMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com