Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ML9261A Datasheet(PDF) 6 Page - OKI electronic componets

Part No. ML9261A
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

 6 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
6/16
RECOMMENDED OPERATING CONDITIONS-1
Unit Power Supply: 5.0 V (Typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply (1)
VDD
4.5
5.0
5.5
V
Power Supply (2)
VDISP
20
60
V
“H” Input Voltage
VIH
Applicable to all inputs
0.7 VDD
V
“L” Input Voltage
VIL
Applicable to all inputs
0.3 VDD
V
lOHVH1
Only 1 output is ON.
–40
mA
Driver Output Current
lOHVH2
All outputs are ON.
–120
mA
CLK Frequency
fCLK
4.0
MHz
Operating Temperature
TOP
–40
+85
°C
RECOMMENDED OPERATING CONDITIONS-2
Unit Power Supply: 3.3 V (Typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply (1)
VDD
3.0
3.3
3.6
V
Power Supply (2)
VDISP
20
60
V
“H” Input Voltage
VIH
Applicable to all inputs
0.8 VDD
V
“L” Input Voltage
VIL
Applicable to all inputs
0.2 VDD
V
lOHVH1
Only 1 output is ON.
–40
mA
Driver Output Current
lOHVH2
All outputs are ON.
–120
mA
CLK Frequency
fCLK
4.0
MHz
Operating Temperature
TOP
–40
+85
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
LM9022Vacuum Fluorescent Display Filament Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
UPD16326A32-BIT FLUORESCENT DISPLAY TUBE DRIVER 1 2 3 4 5 MoreNEC
MSM9201-01Fluorescent Display Tube Controller Driver 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl