Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ML9261A Datasheet(PDF) 5 Page - OKI electronic componets

Part No. ML9261A
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

 
 5 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
5/16
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
*1
VDD
Applicable to logic supply pin
–0.3 to +6.5
V
Supply Voltage (2)
*1, *2
VDISP
Applicable to driver supply pin
–0.3 to +70
V
Input Voltage
*1
VIN
Applicable to all input pins
–0.3 to VDD +0.3
V
Output Voltage
*1
VO
Applicable to DOUT
–0.3 to VDD +0.3
V
Output Current
lO
Applicable to HVO1 to HVO60
–50 to 0.0
mA
Withstand Output Voltage *1, *2
VHVO
Applicable to HVO1 to HVO60
–0.3 to VDISP +0.3
V
Power Dissipation
PD
Ta
≤ 25°C
1.47
W
Package Thermal Resistance *3
Rj-a
Ta
> 25°C
68
°C/W
Storage Temperature
TSTG
–55 to +150
°C
Notes: *1 Supply Voltage for L-GND and D-GND
*2 Permanent damage may be caused if the voltage is supplied over the rating value.
*3 Package Thermal Resistance (between junction and ambient)
The junction temperature (Tj) expressed by the equation indicated below should not exceed
125
°C under the operating conditions.
Tj = P
× R
j–a + Ta (P: Maximum power consumption)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
LM9022Vacuum Fluorescent Display Filament Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
UPD16326A32-BIT FLUORESCENT DISPLAY TUBE DRIVER 1 2 3 4 5 MoreNEC
MSM9201-01Fluorescent Display Tube Controller Driver 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl