Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9228GA Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9228GA
Description  82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9228GA Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9228GA Datasheet HTML 5Page - OKI electronic componets ML9228GA Datasheet HTML 6Page - OKI electronic componets ML9228GA Datasheet HTML 7Page - OKI electronic componets ML9228GA Datasheet HTML 8Page - OKI electronic componets ML9228GA Datasheet HTML 9Page - OKI electronic componets ML9228GA Datasheet HTML 10Page - OKI electronic componets ML9228GA Datasheet HTML 11Page - OKI electronic componets ML9228GA Datasheet HTML 12Page - OKI electronic componets ML9228GA Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
FEDL9228-01
OKI Semiconductor
ML9228
9/25
AC Characteristics
(Ta = –40 to +85°C, VDD = 5.0 V±10%, VDISP = 8.0 to 18.5 V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Frequency
fC
2.0
MHz
Clock Pulse Width
tCW
200
ns
Data Setup Time
tDS
200
ns
Data Hold Time
tDH
200
ns
CS Off Time
tCSL
R2 = 10 k
Ω ±5%, C2 = 27 pF ±5%
20
µs
CS Setup Time
(CS-Clock)
tCSS
200
ns
CS Hold Time
(Clock-CS)
tCSH
200
ns
DATA Output Delay Time
(Clock-DATA l/O)
tPD
1.0
µs
tR
tR = 20 to 80%
2.0
µs
Output Slew Rate Time
tF
CL=100 pF
tF = 80 to 20%
2.0
µs
VDD Rise Time
tPRZ
Mounted in a unit
100
µs
VDD Off Time
tPOF
Mounted in a unit, VDD = 0.0 V
5.0
ms
CS Wait Time
tRSOFF
400
µs
(Ta = –40 to +85°C, VDD = 3.3 V±10%, VDISP = 8.0 to 18.5 V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Frequency
fC
1.0
MHz
Clock Pulse Width
tCW
400
ns
Data Setup Time
tDS
400
ns
Data Hold Time
tDH
400
ns
CS Off Time
tCSL
R2 = 8.2 k
Ω ±5%, C2 = 27 pF ±5%
20
µs
CS Setup Time
(CS-Clock)
tCSS
400
ns
CS Hold Time
(Clock-CS)
tCSH
400
ns
DATA Output Delay Time
(Clock-DATA l/O)
tPD
1.0
µs
tR
tR = 20 to 80%
2.0
µs
Output Slew Rate Time
tF
CL=100 pF
tF = 80 to 20%
2.0
µs
VDD Rise Time
tPRZ
Mounted in a unit
100
µs
VDD Off Time
tPOF
Mounted in a unit, VDD = 0.0 V
5.0
ms
CS Wait Time
tRSOFF
400
µs


Similar Part No. - ML9228GA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222GA OKI-ML9222GA Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226GA OKI-ML9226GA Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
More results

Similar Description - ML9228GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com