Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9222 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9222
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9222 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9222 Datasheet HTML 1Page - OKI electronic componets ML9222 Datasheet HTML 2Page - OKI electronic componets ML9222 Datasheet HTML 3Page - OKI electronic componets ML9222 Datasheet HTML 4Page - OKI electronic componets ML9222 Datasheet HTML 5Page - OKI electronic componets ML9222 Datasheet HTML 6Page - OKI electronic componets ML9222 Datasheet HTML 7Page - OKI electronic componets ML9222 Datasheet HTML 8Page - OKI electronic componets ML9222 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
¡ Semiconductor
ML9222
1/25
FEDL9222-02
GENERAL DESCRIPTION
The ML9222 is a full CMOS controller/driver for Duplex or Triplex vacuum fluorescent display
tube. It conststs of 32-segment driver outputs and 3-grid pre-driver outputs, so that it can drive
directly up to 96-segment VFD.
ML9222 features a digital dimming function, a 8-ch ADC, a 5 ¥ 5 keyscan circuit and an encoder
type switch interface.
ML9222 provides an interface with a microcontroller only by four signal lines: DATA I/O,
CLOCK, CS and INT.
FEATURES
• Supply voltage (VDD)
: 8 to 18.5V (Built-in 5V regulator for logic)
• Duplex/Triplex selectable
• Applicable VFD tube
: 2 Grids ¥ 32 Anodes VFD tube
: 3 Grids ¥ 32 Anodes VFD tube
• 32-segment driver outputs
: IOH=–5mA at VOH=VDD–0.8V (SEG1 to 22)
IOH=–10mA at VOH=VDD–0.8V (SEG23 to 32)
• 3-grid pre-driver outputs
: IOL=10mA at VOL=2V
• Built-in digital dimming circuit (10-bit resolution)
• Built-in 8-ch A/D converter
• Built-in 5 ¥ 5 keyscan circuit
• 3 interface circuits for an encoder type rotary switch
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
Product name: ML9222GA
¡ Semiconductor
ML9222
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
FEDL9222-02
This version: Feb. 2000
Previous version: Nov. 1999


Similar Part No. - ML9222

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
OKI electronic componet...
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226GA OKI-ML9226GA Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9227GA OKI-ML9227GA Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
More results

Similar Description - ML9222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com