Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9090A-02GA Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9090A-02GA
Description  LCD Driver with Key Scanner and RAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9090A-02GA Datasheet(HTML) 1 Page - OKI electronic componets

  ML9090A-02GA Datasheet HTML 1Page - OKI electronic componets ML9090A-02GA Datasheet HTML 2Page - OKI electronic componets ML9090A-02GA Datasheet HTML 3Page - OKI electronic componets ML9090A-02GA Datasheet HTML 4Page - OKI electronic componets ML9090A-02GA Datasheet HTML 5Page - OKI electronic componets ML9090A-02GA Datasheet HTML 6Page - OKI electronic componets ML9090A-02GA Datasheet HTML 7Page - OKI electronic componets ML9090A-02GA Datasheet HTML 8Page - OKI electronic componets ML9090A-02GA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
FEDL9090A-01
1Semiconductor
This version:
May 2001
ML9090A-01, -02
LCD Driver with Key Scanner and RAM
1/41
GENERAL DESCRIPTION
The ML9090A-01 and ML9090A-02 are LCD drivers that contain internal RAM and a key scan function. They are
best suited for car audio displays.
Since 1-bit data of the display data RAM corresponds to the light-on or light-off of 1-dot of the LCD panel (a bit
map system), a flexible display is possible.
A single chip can implement a graphic display system of a maximum of 80
× 18 dots (80 × 10 dots for the
ML9090A-01, 80
× 18 dots for the ML9090A-02).
Since containing voltage multipliers, the ML9090A-01 and ML9090A-02 require no power supply circuit to drive
the LCD.
Since the internal 5
× 5 scan circuit has eliminated the needs of key scanning by the CPU, the ports of the CPU can
be efficiently used.
FEATURES
• Logic voltage: 2.7 to 5.5 V
• LCD drive voltage: 6 to 16 V (positive voltage)
• 80 segment outputs, 10 common outputs for ML9090A-01 and 18 common outputs for ML9090A-02
• Built-in bit-mapped RAM (ML9090A-01: 80 × 10 = 800 bits, ML9090A-02: 80 × 18 = 1440 bits)
• 4-pin serial interface with CPU: CS, CP, DI/O, KREQ
• Built-in LCD drive bias resistors
• Built-in voltage doubler or tripler circuit
• Built-in 5 × 5 key scanner
• Port A output
: 1 pin, output current: –15 mA: (may be used for LED driving)
• Port B output
: 8 pins
Output current (available for the ML9090A-01 only)
–2 mA : 5 pins
–15 mA : 3 pins
• Temperature range: –40 to +85°C
• Package: 128-pin plastic QFP (QFP128-P-1420-0.50-K) (Product name: ML9090A-01GA)
(Product name: ML9090A-02GA)
Comparison between the ML9090A-01 and the ML9090A-02
Item
ML9090A-01
ML9090A-02
Number of common outputs
10 Max.
18 Max.
Number of dots on the LCD screen
(selectable by program)
8
× 80
9
× 80
10
× 80
16
× 80
17
× 80
18
× 80
Number of port A outputs
1
1
Number of port B outputs
8


Similar Part No. - ML9090A-02GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
ML9090-02 OKI-ML9090-02 Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9090A-02GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com