Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM13R0000 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM13R0000
Description  Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13R0000 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM13R0000 Datasheet HTML 1Page - OKI electronic componets MSM13R0000 Datasheet HTML 2Page - OKI electronic componets MSM13R0000 Datasheet HTML 3Page - OKI electronic componets MSM13R0000 Datasheet HTML 4Page - OKI electronic componets MSM13R0000 Datasheet HTML 5Page - OKI electronic componets MSM13R0000 Datasheet HTML 6Page - OKI electronic componets MSM13R0000 Datasheet HTML 7Page - OKI electronic componets MSM13R0000 Datasheet HTML 8Page - OKI electronic componets MSM13R0000 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
s W712 USB Device Controller s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
Oki Semiconductor
Figure 1. Logic Symbol
Recommended Operating Conditions (VSS = 0 V)
Parameter
Symbol
Min.
Typ.
Max
Unit
Power supply voltage
VDD
2.7
3.3
3.6
V
Operating temperature
Tj
-40
+25
+85
° C
Mega Macrofunction Characteristics
Mega Macrofunction
Description
Logic Gate Count
Logic Pin Count
W712
USB Device Controller
15797
139
usb_dpin
usb_dmin
usb_rxd
usb_dpout
usb_dmout
usb_txenb
full_spden
sel_ext_pll
sys_clock
[7:0]ma
[7:0]md
mrdyb
[7:0]pd
[3:0]pkt_rdy
setup_rdy
[7:0]trx_out_data
[7:0]rcv_out_data
[7:0]trx_in_data
[2:0]trx_sel
[8:0]trx_wr_ptr
[6:0]trx_wrb
[7:0]rcv_in_data
[2:0]rcv_sel
[6:0]rcv_wrb
FIFO Interface
USB Interface
Application Interface
W712
sys_reset
testmode
mwr_rdb
setup_rdy2
iso_err
usb_reset
validsof
validin
validout
[8:0]trx_rd_ptr
[8:0]rcv_wr_ptr
[8:0]rcv_rd_ptr
osc_clk
usb_clk_ext
usb_rxd_out
DPLL Interface


Similar Part No. - MSM13R0000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM130W9 LITTELFUSE-MSM130W9 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MSM13Q000 OKI-MSM13Q000 Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MSM13Q0000 OKI-MSM13Q0000 Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MSM13Q0150 OKI-MSM13Q0150 Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
More results

Similar Description - MSM13R0000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com