Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W712 Datasheet(PDF) 7 Page - OKI electronic componets

Part # W712
Description  Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

W712 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button W712 Datasheet HTML 3Page - OKI electronic componets W712 Datasheet HTML 4Page - OKI electronic componets W712 Datasheet HTML 5Page - OKI electronic componets W712 Datasheet HTML 6Page - OKI electronic componets W712 Datasheet HTML 7Page - OKI electronic componets W712 Datasheet HTML 8Page - OKI electronic componets W712 Datasheet HTML 9Page - OKI electronic componets W712 Datasheet HTML 10Page - OKI electronic componets W712 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s W712 USB Device Controller s
5
Oki Semiconductor
Application Interface
Signal
Type
Assertion
Description
sys_clock
Input
Clock. Attach a 12-MHz clock signal to this input for full-speed operation and 1.5 MHz for
low-speed operation.
sys_reset
Input
HIGH
W712 Reset. Asserting this signal HIGH resets the W712 mega macrofunction. The appli-
cation module is required to assert this signal at power-on.
mwr_rdb
Input
Write/Read Select. When external application logic asserts this signal HIGH, the applica-
tion is in WRITE mode. When asserted LOW, the application is in READ mode. External
application logic asserts this signal HIGH when writing data to the transmit FIFOs or to the
register files. External application logic asserts this signal LOW when reading data from
the receiving FIFOs or from the register files. The register files contain information describ-
ing the function and transaction status.
usb_reset
Output
HIGH
USB Reset. This is the reset signal from the USB device controller.
[7:0]ma
Input
Address Bus. These eight inputs receive the address of the register files in the USB device
controller.
[7:0]md
Input
Input Data Bus. These eight inputs receive the data to be stored in the register files or
transmit FIFOs.
mrdyb
Input
LOW
Data Strobe. When asserted LOW and in WRITE mode, the data on the [7:0]md signal
lines are valid for writing. When asserted LOW and in READ mode, the data on the [7:0]pd
signals are valid for reading.
[7:0]pd
Output
Output Data Bus. These eight outputs transmit data received from either the register files
or the receive FIFOs.
[3:0]pkt_rdy
Output
HIGH
Packet Ready. When the W712 asserts this signal, it indicates that one of the four receive
FIFOs contains valid data. The application reads the data through the [7:0]pd bus.
full_spden
Input
USB Full Speed Enable. The application module sets this pin to “1” to select full-speed
operation and “0” to select low-speed operation.
setup_rdy
Output
HIGH
Setup Ready. Asserting this signal HIGH indicates an 8-byte SETUP data has been re-
ceived from the USB bus.
iso_err
Output
HIGH
Isochronous Error. Used for loopback testing or to indicate isochronous data has been re-
ceived with DATA1 PID.
validsof
Output
HIGH
Valid SOF. This signal is asserted for two bit times, asynchronous to sys_clock, and indi-
cates a valid SOF token is received when asserted HIGH.
sel_ext_pll
Input
HIGH
Select External PLL. Asserting this signal HIGH selects the external PLL option.
setup_rdy2
Output
HIGH
Second Setup Ready. Asserting this signal HIGH indicates a new 8-byte SETUP DATA has
been received, while internally the device controller still sees the “setup_rdy” signal assert-
ed. This signal will be asserted for two bit times, asynchronous to sys_clock.
testmode
Input
HIGH
Testmode. Asserting this signal invokes a loopback test mode.
validin
Output
HIGH
Valid IN. Asserted for two bit times, asynchronous to sys_clock, and indicates a valid IN
token is received when asserted HIGH.
validout
Output
HIGH
Valid OUT. Asserted for two bit times, asynchronous to sys_clock, and indicates a valid
OUT token is received when asserted HIGH.


Similar Part No. - W712

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W712 LUMINIS-W712 Datasheet
188Kb / 4P
   Post top mount
logo
Pulse A Technitrol Comp...
W712 PULSE-W712 Datasheet
709Kb / 5P
   Available in 0805 (2012) and 1206 (3216)size For USB2.0 and other high speed diffrential signal lines (IEEE1394, LVDS)
logo
Bourns Electronic Solut...
W71200J BOURNS-W71200J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Pulse A Technitrol Comp...
W712 PULSE-W712_16 Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
More results

Similar Description - W712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com