Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5424331TS-AK Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5424331TS-AK
Description  222,720-Word24-Bit Field Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5424331TS-AK Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5424331TS-AK Datasheet HTML 1Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 2Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 3Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 4Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 5Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 6Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 7Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 8Page - OKI electronic componets MSM5424331TS-AK Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
FEDS5424331-01
1Semiconductor
MSM5424331
4/34
Pin Name
FIFO Mode
FIFO Mode Block Mode
Address Setting Cycle
Serial Read/Write Cycle
Block Mode
RCLK
Read X Serial Address Strobe
Serial Read Clock
RE
RE
Read Enable
Read Enable
DO0 - 11
DQ0 - 11
Data Output
Data Input/Output
DO12 - 23
Data Output
RR
Read Address Reset Mode Enable
RXINC
Read X Address Increment
RADE/RX
Read X Address Input Enable
Read X Address Reset
——
RXAD
Read X Serial Address Data
WCLK
Write X Serial Address Strobe
Serial Write Clock
LWE
LWE
Write Enable
Write Enable
UWE
UWE
Write Enable
Write Enable
IE
Input Enable
DIN0
RAS
Data Input
X Address Strobe
DIN1
CAS
Data Input
Y Address Strobe
DIN2 - 11
A0 - A9
Data Input
Address Input
DIN12 - 23
Data Input
WR/TR
Write Address Reset Mode Enable
Write Data Transfer
WXINC
Write X Address Increment
WADE/RX
Write X Address Input Enable
Write X Address Reset
——
WXAD
Write X Serial Address Data
WAIT
External Synchronous
Signal
D/F
D/F
Mode Change (D/F = L)
Mode Change (D/F = H)
V
CC
Power Supply Voltage (3.0 V)
V
SS
Ground (0 V)
Note:
Same power supply voltage level must be provided to every V
CC pin.
Same ground voltage level must be provided to every V
SS pin.


Similar Part No. - MSM5424331TS-AK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222B-25JS OKI-MSM5412222B-25JS Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222B-25TS-K OKI-MSM5412222B-25TS-K Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM5424331TS-AK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548331 OKI-MSM548331 Datasheet
245Kb / 23P
   222,720-Word x 12-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V26000 OKI-MS81V26000 Datasheet
151Kb / 20P
   1,114,112-Word X 24-Bit Field Memory
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com