Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5117805F-XXJS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5117805F-XXJS
Description  2,097,152-Word8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117805F-XXJS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5117805F-XXJS Datasheet HTML 1Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 2Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 3Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 4Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 5Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 6Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 7Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 8Page - OKI electronic componets MSM5117805F-XXJS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FEDD5117805F-01
1Semiconductor
MSM5117805F
2/16
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
A0–A9, A10R
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1–DQ8
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (5V)
VSS
Ground (0V)
NC
No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must
be provided to every VSS pin.
28-Pin Plastic SOJ
1
2
3
4
5
6
7
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
27
DQ1
DQ2
VCC
VCC
VSS
VSS
DQ6
A8
A7
A6
A10R
A1
A2
A3
WE
RAS
NC
DQ3
A5
A4
OE
DQ8
DQ7
CAS
8
DQ4
20
A9
14
A0
DQ5
28
1
2
3
4
5
6
7
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
27
DQ1
DQ2
VCC
VCC
VSS
VSS
DQ6
A8
A7
A6
A10R
A1
A2
A3
WE
RAS
NC
DQ3
A5
A4
OE
DQ8
DQ7
CAS
8
DQ4
20
A9
14
A0
DQ5
28
28-Pin Plastic TSOP
(K Type)


Similar Part No. - MSM5117805F-XXJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5117805F-XXJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17805F OKI-MSM51V17805F Datasheet
234Kb / 17P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com