Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7051LA Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7051LA
Description  Bluetooth Baseband Controller IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7051LA Datasheet(HTML) 5 Page - OKI electronic componets

  ML7051LA Datasheet HTML 1Page - OKI electronic componets ML7051LA Datasheet HTML 2Page - OKI electronic componets ML7051LA Datasheet HTML 3Page - OKI electronic componets ML7051LA Datasheet HTML 4Page - OKI electronic componets ML7051LA Datasheet HTML 5Page - OKI electronic componets ML7051LA Datasheet HTML 6Page - OKI electronic componets ML7051LA Datasheet HTML 7Page - OKI electronic componets ML7051LA Datasheet HTML 8Page - OKI electronic componets ML7051LA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
FEDL7051LA-02
1Semiconductor
ML7051LA
5/24
CLK and Configuration
Pin Name
I/O
Internal
Pull Up/Down
Initial
Value
Pin
Placement
Description
SCLK12
I
E12
Master clock (12 MHz) input pin
(Power level: CMOS level)
XCLK
I
E13
User clock input pin
SCLKSEL
I
Pull down
A11
System clock select pin
L: Select CLK divided by internal PLL
H: Select XCLK input signal
RESETn
I
C13
Hardware reset pin (Reset = L)
BBWSEL
I
C10
BANK0 region bit width select pin
L: 8-bit
H: 16-bit
REMAP0
I
A12
REMAP1
I
B13
REMAP select pin during boot up
REMAP[1:0] = “00” Reserved
“01” Stacked Flash ROM
“10” External MCS[1] device
“11” External MCS[0] device
Memory I/F
Pin Name
I/O
Internal
Pull Up/Down
Initial
Value
Pin
Placement
Description
MA[19:0]
O
L
[*1]
External address bus
MD[15:0]
I/O
Z
[*2]
External data bus
MWEn
O
H
N10
External write enable signal output
MREn
O
H
M11
External read enable signal output
MCSn0
O
H
K10
External RAM space chip select
MCSn1
O
H
N11
External I/O space chip select
MBSn0
O
H
N12
External lower byte select
MBSn1
O
H
M12
External upper byte select
MOEn0
O
H
K11
External MCS[0] device output enable
(MCSn0 and WREn OR output)
MOEn1
O
H
L11
External MCS[1] device output enable
(MCSn1 and WREn OR output)
MWAIT
I
F3
External wait signal input
(Pin shared with GPIO1)
[*1]
MA19: H3;
MA18: H4;
MA17: H2;
MA16: J2;
MA15: H1;
MA14: J4
MA13: K2;
MA12: J1;
MA11: J3;
MA10: K1;
MA9: L2;
MA8: K4;
MA7: M2
MA6: M1;
MA5: N2;
MA4: L3;
MA3: N3;
MA2: L4;
MA1: M3;
MA0: L5
[*2]
MD15: N5; MD14: K5;
MD13: M5;
MD12: N6;
MD11: M6; MD10: M7
MD9: K7;
MD8: N7;
MD7: L8;
MD6: K8;
MD5: M8;
MD4: M9;
MD3: N8;
MD2: K9;
MD1: M10;
MD0: L10


Similar Part No. - ML7051LA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70512HB OKI-ML70512HB Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70512LA OKI-ML70512LA Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
More results

Similar Description - ML7051LA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
   BLUETOOTH BASEBAND
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
   BLUETOOTH BASEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com