Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5116805C-60TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5116805C-60TS-K
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116805C-60TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5116805C-60TS-K Datasheet HTML 1Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 2Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 3Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 4Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 5Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 6Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 7Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 8Page - OKI electronic componets MSM5116805C-60TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
¡ Semiconductor
MSM5116805C
DC Characteristics
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ VCC
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DQ = enable
Average Power
CAS before RAS
Supply Current
(
CAS before RAS Refresh)
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tHPC = Min.
(Fast Page Mode)
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC7
≥ VCC –0.2 V
RAS cycling,
Parameter
Condition
MSM5116805
C-50
MSM5116805
C-60
MSM5116805
C-70
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Symbol
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
100
2
1
100
100
100
5
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
90
2
1
90
90
90
5
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
80
2
1
80
80
80
5
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
Note
1, 2
1, 2
1, 2
1, 3
1
1


Similar Part No. - MSM5116805C-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5116805C-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com