Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5416125A Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5416125A
Description  131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416125A Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5416125A Datasheet HTML 1Page - OKI electronic componets MSM5416125A Datasheet HTML 2Page - OKI electronic componets MSM5416125A Datasheet HTML 3Page - OKI electronic componets MSM5416125A Datasheet HTML 4Page - OKI electronic componets MSM5416125A Datasheet HTML 5Page - OKI electronic componets MSM5416125A Datasheet HTML 6Page - OKI electronic componets MSM5416125A Datasheet HTML 7Page - OKI electronic componets MSM5416125A Datasheet HTML 8Page - OKI electronic componets MSM5416125A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
¡ Semiconductor
MSM5416125A
PIN CONFIGURATION (TOP VIEW)
Note: The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
21
22
40-Pin Plastic SOJ
44/40-Pin Plastic TSOP (
II)
(K Type)

20
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
NC
NC
WE
RAS
NC
A0
A1
A3
VCC
A2
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
24
23
25
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
NC
LCAS
UCAS
OE
A8
A7
A6
A4
VSS
A5

Pin Name
Function
A0 - A8
Address Input
RAS
Row Address Strobe
LCAS
Lower Byte Column Address Strobe
DQ0 - DQ15
Data - Input / Data - Output
WE
Write Enable
Output Enable
Power Supply (5 V)
Ground (0 V)
NC
No Connection
VCC
VSS
OE
UCAS
Upper Byte Column Address Strobe
Row Address
Column Address
: A0 - A8
: A0 - A7


Similar Part No. - MSM5416125A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A-40JS OKI-MSM5416126A-40JS Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A-40TS-K OKI-MSM5416126A-40TS-K Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A-45JS OKI-MSM5416126A-45JS Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A-45TS-K OKI-MSM5416126A-45TS-K Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM5416125A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com