Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7041 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7041 Datasheet HTML 2Page - OKI electronic componets ML7041 Datasheet HTML 3Page - OKI electronic componets ML7041 Datasheet HTML 4Page - OKI electronic componets ML7041 Datasheet HTML 5Page - OKI electronic componets ML7041 Datasheet HTML 6Page - OKI electronic componets ML7041 Datasheet HTML 7Page - OKI electronic componets ML7041 Datasheet HTML 8Page - OKI electronic componets ML7041 Datasheet HTML 9Page - OKI electronic componets ML7041 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FEDL7041-04
OKI Semiconductor
ML7041
6/28
Figure 1 Analog Interface
A/D
20 k
20 k
20 k
MIC1I
MIC1O
MIC2I
MIC2O
MIC3–
MIC3+
MIC3O
R1
R2
C
C
C
R3
C
C
C
SG
VREF
R4
R5
R6
Transmit Gain
: VMIC1O/Vi = (R2/R1)
: VMIC2O/Vi = (R4/R3)
: VMIC3O/Vi = (R6/R5)
Input select
:CR1-B7, B6 “00” -> MIC1
:CR1-B7, B6 “01” -> MIC2
:CR1-B7, B6 “10” -> MIC3
:CR1-B7, B6 “11” -> no-input
Receive Gain
:Vspo/VEXTO = (R8/R7)
× 2
Output select
:CR1-B5, B4 “00” -> EXTO
:CR1-B5, B4 “01” -> EAR1O
:CR1-B5, B4 “10” -> EAR2O
:CR1-B5, B4 “11” -> no-output
Vi
Vi
Vi
EAR1O
EAR2O
SPO–
SPO+
EXTO
D/A
EXTI
R7
R8
C
VEXTO
VSPO


Similar Part No. - ML7041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7041 ETC2-ML7041 Datasheet
381Kb / 28P
   Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
More results

Similar Description - ML7041

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
   Single-Channel Voice Band CODEC
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
[Old version datasheet]   This device contains a single gate which performs the logic NAND function
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Agere Systems
5833P AGERE-5833P Datasheet
55Kb / 6P
   5833P Diplexer, Full-Duplex, Bidirectional, Single-Fiber, Data and Voice Transceivers
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
   3.3V Single channel PCM CODEC LSI
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
   Voice-Band Audio CODEC for CDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com