Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5412222B Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM5412222B
Description  262,214-Word12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222B Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM5412222B Datasheet HTML 5Page - OKI electronic componets MSM5412222B Datasheet HTML 6Page - OKI electronic componets MSM5412222B Datasheet HTML 7Page - OKI electronic componets MSM5412222B Datasheet HTML 8Page - OKI electronic componets MSM5412222B Datasheet HTML 9Page - OKI electronic componets MSM5412222B Datasheet HTML 10Page - OKI electronic componets MSM5412222B Datasheet HTML 11Page - OKI electronic componets MSM5412222B Datasheet HTML 12Page - OKI electronic componets MSM5412222B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
9/17
AC Characteristics
(VCC = 5.0 V ±0.5 V, Ta = 0 to 70°C)
MSM5412222B-25
MSM5412222B-30
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Access Time from SRCK
tAC
23
25
ns
DOUT Hold Time from SRCK
tDDCK
6
6
ns
DOUT Enable Time from SRCK
tDECK
6
23
6
25
ns
SWCK “H” Pulse Width
tWSWH
9
12
ns
SWCK “L” Pulse Width
tWSWL
10
12
ns
Input Data Setup Time
tDS
2
2
ns
Input Data Hold Time
tDH
4
4
ns
WE Enable Setup Time
tWENS
0
0
ns
WE Enable Hold Time
tWENH
3
3
ns
WE Disable Setup Time
tWDSS
0
0
ns
WE Disable Hold Time
tWDSH
3
3
ns
IE Enable Setup Time
tIENS
0
0
ns
IE Enable Hold Time
tIENH
3
3
ns
IE Disable Setup Time
tIDSS
0
0
ns
IE Disable Hold Time
tIDSH
3
3
ns
WE “H” Pulse Width
tWWEH
5
10
ns
WE “L” Pulse Width
tWWEL
5
10
ns
IE “H” Pulse Width
tWIEH
5
10
ns
IE “L” Pulse Width
tWIEL
5
10
ns
RSTW Setup Time
tRSTWS
0
0
ns
RSTW Hold Time
tRSTWH
3
3
ns
SRCK “H” Pulse Width
tWSRH
9
12
ns
SRCK “L” Pulse Width
tWSRL
10
12
ns
RE Enable Setup Time
tRENS
0
0
ns
RE Enable Hold Time
tRENH
3
3
ns
RE Disable SetupTime
tRDSS
0
0
ns
RE Disable Hold Time
tRDSH
3
3
ns
OE Enable Setup Time
tOENS
0
0
ns
OE Enable Hold Time
tOENH
3
3
ns
OE Disable SetupTime
tODSS
0
0
ns
OE Disable Hold Time
tODSH
3
3
ns
Output Buffer Turn-off Delay Time from OE
tOEZ
17
17
ns
RE “H” Pulse Width
tWREH
5
10
ns
RE “L” Pulse Width
tWREL
5
10
ns
OE “H” Pulse Width
tWOEH
5
10
ns
OE “L” Pulse Width
tWOEL
5
10
ns
RSTR Setup Time
tRSTRS
0
0
ns
RSTR Hold Time
tRSTRH
3
3
ns
SWCK Cycle Time
tSWC
25
30
ns
SRCK Cycle Time
tSRC
25
30
ns
Transition Time (Rise and Fall)
tT
3
30
3
30
ns


Similar Part No. - MSM5412222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results

Similar Description - MSM5412222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com