Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78N24 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN78N24
Description  3-pin Positive Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78N24 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN78N24 Datasheet HTML 1Page - Panasonic Semiconductor AN78N24 Datasheet HTML 2Page - Panasonic Semiconductor AN78N24 Datasheet HTML 3Page - Panasonic Semiconductor AN78N24 Datasheet HTML 4Page - Panasonic Semiconductor AN78N24 Datasheet HTML 5Page - Panasonic Semiconductor AN78N24 Datasheet HTML 6Page - Panasonic Semiconductor AN78N24 Datasheet HTML 7Page - Panasonic Semiconductor AN78N24 Datasheet HTML 8Page - Panasonic Semiconductor AN78N24 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VO
5.2
V
5
VO
V
REGIN
50
mV
10
mV
REGL
mV
20
mV
mA
2.8
5
Ibias
mA
mA
40
Vno
dB
0.8
0.5
25
5.25
100
50
5
62
4.8
4.75
RR
V
2
mA
300
mA
500
10
72
– 0.3
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
VI=7.5 to 20V, IO=5 to 200mA
VI=7.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=8 to 20V, Tj=25˚C
Tj=25˚C
Tj=25˚C
VI=7.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
f=10Hz to 100kHz
VI=8 to 18V, IO=50mA, f=120Hz
IO=300mA, Tj=25˚C
VI=35V, Tj=25˚C
Tj=25˚C
IO=5mA, Tj=0 to 125˚C
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=10V, IO=100mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
s Electrical Characteristics (Ta=25˚C)
· AN78N05 (5V Type)
VO
6.25
V
6
VO
V
REGIN
60
mV
11
mV
REGL
mV
20
mV
mA
2.8
6
Ibias
mA
mA
45
Vno
dB
0.8
0.5
30
6.3
120
60
5
59
5.75
5.7
RR
V
2
mA
300
mA
500
10
70
– 0.4
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
VI=8.5 to 20V, IO=5 to 200mA
VI=8.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=9 to 20V, Tj=25˚C
Tj=25˚C
VI=8.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
f=10Hz to 100kHz
VI=9 to 19V, IO=50mA, f=120Hz
IO=300mA, Tj=25˚C
VI=35V, Tj=25˚C
Tj=25˚C
IO=5mA, Tj=0 to 125˚C
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=11V, IO=100mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
· AN78N06 (6V Type)


Similar Part No. - AN78N24

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN780 MICROCHIP-AN780 Datasheet
258Kb / 10P
   15-Kilogram Scale Using the TC500A and the TC520
2002
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7800F PANASONIC-AN7800F Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
   Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN78N24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
logo
Unisonic Technologies
78NXX UTC-78NXX_V01 Datasheet
328Kb / 9P
   3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com