Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM548512L-XXGS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM548512L-XXGS-K
Description  524,288-Word X 8-Bit High-Speed PSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548512L-XXGS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM548512L-XXGS-K Datasheet HTML 2Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 3Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 4Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 5Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 6Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 7Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 8Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 9Page - OKI electronic componets MSM548512L-XXGS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
¡ Semiconductor
MSM548512L
6/12
AC Characteristics
Measurement condition:
Input pulse level ........................... VIH = 2.4 V, VIL = 0.4 V
Output reference level .................. VOH = 2.0 V, VOL = 0.8 V
Rising and falling time ................. 5 ns
Output load .................................... 1 TTL + 100 pF
Input timing reference level ........ High = 2.2 V, Low = 0.8 V
Parameter
Symbol
MSM548512L
-12
Note
tRC
Random Read Write Cycle Time
210
Max.
Min.
Unit
ns
MSM548512L
-10
180
Max.
Min.
MSM548512L
-80
160
Max.
Min.
tRWC
Random Read Modify Write Cycle Time
280
ns
240
220
tCEA
CE Access Time
120
ns
100
—80
tOEA
OE Access Time
—50
ns
—30
—30
tCHZ
Chip Disable to Output in High-Z
6
—30
ns
—30
—25
tCLZ
CE to Output in Low-Z
20
ns
20
20
tOHZ
OE Disable to Output in High-Z
6
—30
ns
—25
—25
tOLZ
OE Output in Low-Z
0—
ns
0—
0—
tCE
CE Pulse Width
120n
10m
s
100n
10m
80n
10m
tP
CE Precharge Time
80
ns
70
70
tAS
Address Set-up Time
0—
ns
0—
0—
tAH
Address Hold Time
30
ns
25
20
tRCS
Read Command Set-up Time
0—
ns
0—
0—
tRCH
Read Command Hold Time
0—
ns
0—
0—
tWP
Write Command Pulse Width
35
ns
30
25
tCW
Chip Enable Time
120
ns
100
80
tDW
Input Data Set Time
30
ns
25
20
tDH
Input Data Hold Time
0—
ns
0—
0—
tOW
Output Active from End of Write
5—
ns
5—
5—
tWHZ
Write Enable to Output in High-Z
6
—30
ns
—25
—20
tT
Transition Time
11
350
ns
350
350
tRFD
RFSH Delay Time from CE
80
ns
70
70
tFP
RFSH Precharge Time
40
ns
40
40
tFAP
RFSH Pulse Width (Auto-refresh)
80n
8m
s
80n
8m
80n
8m
tFC
Auto-refresh Cycle Time
210
ns
180
160
tOHC
OE Command Hold Time
15
ns
15
15
tOCD
OE Delay Time
0—
ns
0—
0—
tFAS
8—
ms
8—
8—
tRFS
CE Delay Time from RFSH
in Self-refresh Mode
600
ns
600
600
tREF
Refresh Period (2048 cycle/32 ms)
—32
ms
—32
—32
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
RFSH Pulse Width (Self-refresh)


Similar Part No. - MSM548512L-XXGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70GS-K OKI-MSM548128BL-70GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-70RS OKI-MSM548128BL-70RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80GS-K OKI-MSM548128BL-80GS-K Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM548128BL-80RS OKI-MSM548128BL-80RS Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
More results

Similar Description - MSM548512L-XXGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com