Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7033GA Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7033GA
Description  Dual-Channel Line Card CODEC
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7033GA Datasheet(HTML) 1 Page - OKI electronic componets

  ML7033GA Datasheet HTML 1Page - OKI electronic componets ML7033GA Datasheet HTML 2Page - OKI electronic componets ML7033GA Datasheet HTML 3Page - OKI electronic componets ML7033GA Datasheet HTML 4Page - OKI electronic componets ML7033GA Datasheet HTML 5Page - OKI electronic componets ML7033GA Datasheet HTML 6Page - OKI electronic componets ML7033GA Datasheet HTML 7Page - OKI electronic componets ML7033GA Datasheet HTML 8Page - OKI electronic componets ML7033GA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
FEDL7033-02
1Semiconductor
This version:
Dec. 2001
Previous version: Jul. 2001
ML7033
Dual-Channel Line Card CODEC
1/51
GENERAL DESCRIPTION
The ML7033 is a 2-channel PCM CODEC CMOS IC designed for Central Office (CO) and Customer Premise
Equipment (CPE) environments. The ML7033 device contains 2-channel analog-to-digital (A/D) and digital-to-
analog (D/A) converters with multiplexed PCM input and output. The ML7033 is designed for single-rail, low
power applications. The high integration of the ML7033 reduces the number of external components and overall
board size. The ML7033 is best suited for line card applications and provides an easy interface to subscriber line
interface circuits (SLIC’s), in particular the Intersil RSLICTM series.
FEATURES
• Seamlessly interfaces with Intersil RSLICTM series devices
• Single 5 volt power supply (4.75 V to 5.25 V)
•∆-Σ ADC and DAC
• PCM format: µ-law/A-law (ITU-T G.711 compliant), 14-bit linear (2’s complement)
• Optional wideband filter for V.90 data modem applications
• Low power consumption
- 2-channel operating mode: 115 mW (typical)
180 mW (max)
- 1-channel operating mode: 80 mW (typical)
115 mW (max)
- Power-down mode:
0.1 mW (typical)
0.25 mW (max); PDN pin = logic “0”
• Power-on reset
• Dual programmable tone generators (300 Hz to 3400 Hz; 10 Hz intervals; 0.1 dB intervals)
- Call progress tone, DTMF tone
• Ringing tone generator (15 Hz to 50 Hz; 1Hz intervals; 0.1 dB intervals)
• Pulse metering tone generator (12 kHz, 16 kHz; gain level selectable)
• Call ID tone generator (ITU-T V.23, Bell 202)
• Analog and digital loop back test modes
• Time-slot assignment
• Serial MCU interface
• Master clock: 2.048 MHz/4.096 MHz selectable
• Serial PCM transmission data rate: 256 kbps to 4096 kbps
• Adjustable transmit/receive gain (1 dB intervals)
• Built-in reference voltage generator
• Differential or single-ended analog output selectable
• Package: 64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Ordering Part number: ML7033GA)


Similar Part No. - ML7033GA

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7033 LAPIS-ML7033 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
logo
List of Unclassifed Man...
ML7033-01 ETC2-ML7033-01 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
More results

Similar Description - ML7033GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7033-01 ETC2-ML7033-01 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
logo
LAPIS Semiconductor Co....
ML7033 LAPIS-ML7033 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
logo
Asahi Kasei Microsystem...
AK2303LV AKM-AK2303LV Datasheet
559Kb / 41P
   Dual PCM CODEC for PBX Analog Line Card
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
OKI electronic componet...
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
   Single Rail Dual Channel PCM CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
[Old version datasheet]   DUAL VOIP CODEC
logo
Zarlink Semiconductor I...
ZL38004 ZARLINK-ZL38004 Datasheet
234Kb / 7P
   Dedicated Voice Processor with Dual Channel Codec
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com