Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8016NSH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8016NSH
Description  Single-channel 1.8-volt step-up DC-DC converter control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8016NSH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8016NSH Datasheet HTML 1Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 2Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 3Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 4Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 5Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 6Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 7Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 8Page - Panasonic Semiconductor AN8016NSH Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Voltage Regulators
1
AN8016NSH
Single-channel 1.8-volt step-up DC-DC converter control IC
s Overview
The AN8016NSH is a single-channel PWM DC-DC
converter control IC that supports low-voltage operation.
This IC allows a stepped-up voltage output to be pro-
vided with a minimal number of external components. It
features a low minimum operating voltage of 1.8 V, and
due to being provided in a 10-pin surface mount package
with a 0.5 mm lead pitch, is optimal for use in miniature
high-efficiency power supplies for portable equipment.
s Features
• Wide operating supply voltage range: 1.8 V to 14 V
• High-precision reference voltage circuit: 1.27 V (allow-
ance:
± 3%)
• Supports control over a wide output frequency range:
20 kHz to 1 MHz
• Provides a fixed output current with minimal supply voltage fluctuations by using an external resistor to set the output
current with a totem pole structure in the output block.
• Large maximum output current of ± 50 mA
• Timer latch short-circuit protection circuit (charge current: 1.3 µA typical)
• Low input voltage malfunction prevention circuit (U.V.L.O.) (circuit operation start voltage: 1.6 V typical)
• On/off control function (active-high, standby current: 5 µA maximum)
• Fixed maximum duty ratio with small sample-to-sample variations (80% ± 5%)
• Adjustable soft start time provided by using separate DTC and S.C.P. pins.
• Adopts a 0.5 mm lead pitch 10 pin SO flat package (SSONF-10D)
• Adopts techniques for reducing noise, increasing the light load efficiency, and suppressing the maximum base current
when turning on the npn transistor used as the external switching element.
s Applications
• LCD displays, digital still cameras, PDAs
SSOP010-P-0225
Unit: mm
4.3
±0.30
6.3
±0.30
0.5
±0.2
1
5
10
6


Similar Part No. - AN8016NSH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results

Similar Description - AN8016NSH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8017SA PANASONIC-AN8017SA Datasheet
205Kb / 25P
   1.8-volt 2-channel step-up DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com