Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62501FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62501FP
Description  PWM IC for the synchronized deflection system control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62501FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62501FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62501FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(
/ 9 )
M62501P,FP
PWM IC for the synchronized deflection system control
9702
MITSUBISHI <Digi./Ana.INTERFACE>
PRELIMINALY
PRELIMINALY
Notices;This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
6
POUT
•The abnormal state detection output terminal
•The output becomes "H" from "L" when an abnormality is
detected in the OVP or UVP terminal. Then the PWM
output terminal becomes "H" settlement, too.
•Do OFF of power supply (Vcc) to remove latch of
abnormal state.
•In abnormal state detection ;
Output "H" level = 10.5V typ
(The output load current : no-load, Vcc=12V)
Output "L" level = 1.5V typ
(The output load current : -1mA, Vcc=12V)
•In normal state ;
Output "L" level = 0.4V typ
(The output load current : +10mA, Vcc=12V)
7
OVP
8
UVP
•Over voltage protection of the control line (OVP)
•Setting terminal voltage ;
GND
≤ VOVP < VREF
•Under voltage protection of the control line (UVP)
•Setting terminal voltage ;
GND
≤ VUVP < VOVP
•The input terminal of a buffer Amp. (BI)
•The output terminal of a buffer Amp. (BO)
Vcc
POUT
GND
2
6
16
16
GND
15
VREF
2
Vcc
7
OVP
8 UVP
To latch input
Note:It is connected to GND when the abnormal detection terminal is not used.
9
BI
10
BO
2
Vcc
9
BI
10
BO
Terminal No.
Symbol
Function and terminal circumscription circuitry
5


Similar Part No. - M62501FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62501FP RENESAS-M62501FP Datasheet
150Kb / 11P
   PWM IC for the Synchronized Deflection System Control
More results

Similar Description - M62501FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62502FP MITSUBISHI-M62502FP Datasheet
83Kb / 7P
   PWM IC for the synchronized deflection system control
logo
Renesas Technology Corp
M62501P RENESAS-M62501P Datasheet
150Kb / 11P
   PWM IC for the Synchronized Deflection System Control
M62500P RENESAS-M62500P Datasheet
3Mb / 12P
   SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Mitsubishi Electric Sem...
M62500P MITSUBISHI-M62500P Datasheet
113Kb / 11P
   SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
   The PWM control IC for AC-DC converter
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com