Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7005 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML7005
Description  DTMF Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML7005 Datasheet HTML 6Page - OKI electronic componets ML7005 Datasheet HTML 7Page - OKI electronic componets ML7005 Datasheet HTML 8Page - OKI electronic componets ML7005 Datasheet HTML 9Page - OKI electronic componets ML7005 Datasheet HTML 10Page - OKI electronic componets ML7005 Datasheet HTML 11Page - OKI electronic componets ML7005 Datasheet HTML 12Page - OKI electronic componets ML7005 Datasheet HTML 13Page - OKI electronic componets ML7005 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
¡ Semiconductor
ML7005
10/24
AC Characteristics 4 FAX Signal (FX) Detector
Figure 2 FX Detect Timing
Parameter
Symbol
Condition
Typ.
Unit
FX Detect Amplitude
VDETFX
Min.
Max.
–40
–6
dBm
—0
–40
–60
fin = 1280 to 1320 Hz at FXDIO
2.7 V £ VDD £ 5.5 V
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
4.5 V £ VDD £ 5.5 V
FX Non-detect Amplitude
VREJFX
Time to Detect
tDETFX
Time to Reject
tREJFX
FX Detect Delay Time
tDELFX
FX Detect Hold Time
tHOLFX
FX Detect Frequency
fDETFX
FX Non-detect Frequency
fREJFX
ms
—30
——
65
Non-detect
Detect
50
50
65
65
35
35
1200
1380
Hz
1320
1280
Hz
See Figure 2.
FXDI
FXDO
(FXDR)
tREJFX
tDETFX
tDELFX
tHOLFX


Similar Part No. - ML7005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
More results

Similar Description - ML7005

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
   M-8880 DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com