Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8014 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN8014
Description  Step-down, step-up, or inverting DC-DC converter control IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8014 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN8014 Datasheet HTML 1Page - Panasonic Semiconductor AN8014 Datasheet HTML 2Page - Panasonic Semiconductor AN8014 Datasheet HTML 3Page - Panasonic Semiconductor AN8014 Datasheet HTML 4Page - Panasonic Semiconductor AN8014 Datasheet HTML 5Page - Panasonic Semiconductor AN8014 Datasheet HTML 6Page - Panasonic Semiconductor AN8014 Datasheet HTML 7Page - Panasonic Semiconductor AN8014 Datasheet HTML 8Page - Panasonic Semiconductor AN8014 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Voltage regulators
AN8014S
3
s Electrical Characteristics at VCC = 12 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference voltage block
Output voltage
VREF
IREF = −1 mA
2.522
2.6
2.678
V
Line regulation with input fluctuation
Line
VCC = 3.6 V to 34 V
16
25
mV
Load regulation
Load
IREF = − 0.1 mA to −1 mA
110
mV
U.V.L.O. block
Circuit operation start voltage
VUON
2.8
3.1
3.4
V
Hysteresis width
VHYS
60
140
180
mV
Error amplifier block
Input offset voltage
VIO
−6
6mV
Input bias current
IB
−500
−25
nA
Common-mode input voltage range
VICR
− 0.1
0.8
V
High-level output voltage
VEH
VREF
VREF
V
− 0.3 − 0.1
Low-level output voltage
VEL

0.1
0.3
V
Dead-time control circuit block
Input current
IDTC
−15.8 −13.2 −10.6
µA
Low-level input threshold voltage
VDT-L
Duty 0%
0.45
0.65
V
High-level input threshold voltage
VDT-H
Duty 100%
1.2
1.4
V
Output block
Oscillator frequency
fOUT
CT = 120 pF, RT = 15 kΩ
196
218
240
kHz
Output duty
Du
RDTC = 75 kΩ
47
52
57
%
Low-level output voltage
VOL
IO = 70 mA
1.0
1.3
V
High-level output voltage
VOH
IO = −70 mA
VCB
VCB
V
−2.0
−1.0
Bootstrap circuit block
Input standby voltage
VINCB
ICB = −70 mA
VCC
VCC
VCC
V
−1.2
−1.0 − 0.8
Short-circuit protection circuit block
Input threshold voltage
VTHPC
0.70
0.75
0.80
V
Input standby voltage
VSTBY

30
120
mV
Input latch voltage
VIN

30
120
mV
Charge current
ICHG
−2.76 −2.30 −1.84
µA
On/off control block
Threshold voltage
VTH
0.8
2.0
V
Overcurrent protection block
Threshold voltage
VCLM
VCC
VCC
VCC
V
− 0.115 − 0.095 − 0.075


Similar Part No. - AN8014

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
More results

Similar Description - AN8014

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com