Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2215-XXXMA Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML2215-XXXMA
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215-XXXMA Datasheet(HTML) 3 Page - OKI electronic componets

  ML2215-XXXMA Datasheet HTML 1Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 2Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 3Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 4Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 5Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 6Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 7Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 8Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
3/26
PIN CONFIGURATION (TOP VIEW)
NC: No connection
Leave the NC pin open.
Note : If the 20-Pin Plastic SSOP is used, contact the Oki sales office for availability and specifications.
20-Pin Plastic SSOP
RESET
6
7
1
2
3
4
5
VREF
24
23
22
21
20
8
9
10
11
12
NC
NC
NC
AOUT
GND
MD
NAR
BUSY
NC
NC
NC
NC
NC
VDD
CLK
ST
NC
SI
SD
NC
NC
NC
13
14
15
16
17
18
19
24-Pin Plastic SOP
6
7
1
2
3
4
5
VREF
20
19
18
17
16
8
9
10
NC
NC
MD
NC
NAR
BUSY
VDD
CLK
ST
NC
NC
NC
RESET
NC
SD
SI
11
12
13
14
15
NC
GND
AOUT


Similar Part No. - ML2215-XXXMA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMA OKI-ML2213-XXXMA Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMB OKI-ML2213-XXXMB Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
More results

Similar Description - ML2215-XXXMA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
   Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
List of Unclassifed Man...
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
   16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
   32 Mbit CMOS Mask Programmable ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com