Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518205-70 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM518205-70
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518205-70 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM518205-70 Datasheet HTML 2Page - OKI electronic componets MSM518205-70 Datasheet HTML 3Page - OKI electronic componets MSM518205-70 Datasheet HTML 4Page - OKI electronic componets MSM518205-70 Datasheet HTML 5Page - OKI electronic componets MSM518205-70 Datasheet HTML 6Page - OKI electronic componets MSM518205-70 Datasheet HTML 7Page - OKI electronic componets MSM518205-70 Datasheet HTML 8Page - OKI electronic componets MSM518205-70 Datasheet HTML 9Page - OKI electronic componets MSM518205-70 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
¡ Semiconductor
MSM518205
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode with EDO)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from
RAS
Column Address to
RAS Lead Time
Access Time from
OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
tRC
tRWC
tHPC
tHPRWC
tRAC
tCAC
tAA
tCPA
tCEZ
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tOEA
tOEZ
tREF
tROH
tRHCP
Output Low Impedance Time from
CAS
tCLZ
CAS Precharge Time (Fast Page Mode with EDO) tCP
tAR
Parameter
MSM518205
-60
MSM518205
-70
MSM518205
-80
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Symbol
Note
4, 5, 6
4, 5
4, 6
4, 15
7, 8
17
5
6
15
14
14
4
7
4
3
Max.
60
15
30
35
15
50
10,000
100,000
10,000
45
30
15
15
64
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
Min.
150
205
35
105
0
0
2
60
80
80
20
10
15
50
20
15
10
0
10
0
15
50
40
0
10
45
Max.
80
20
40
45
15
50
10,000
100,000
10,000
60
40
20
15
64
Min.
130
185
30
100
0
0
2
50
70
70
20
10
10
45
20
15
10
0
10
0
15
45
35
0
10
40
Max.
70
20
35
40
15
50
10,000
100,000
10,000
50
35
20
15
64
Min.
110
155
25
85
0
0
2
40
60
60
15
10
10
40
20
15
10
0
10
0
10
40
30
0
10
35
Data Output Hold After
CAS Low
WE to Data Output Buffer Turn-off Delay Time
RAS to Data Output Buffer Turn-off Delay Time
tDOH
tWEZ
tREZ
7, 8
7
15
15
ns
ns
ns
5
0
0
15
15
5
0
0
15
15
5
0
0
OE Hold Time from CAS (DQ Disable)
RAS to Second CAS Delay Time
tCHO
tRSCD
ns
ns
10
80
10
70
5
60


Similar Part No. - MSM518205-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60SJ OKI-MSM518200-60SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60TS-K OKI-MSM518200-60TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70SJ OKI-MSM518200-70SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70TS-K OKI-MSM518200-70TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM518205-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com