Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM519205 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM519205
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM519205 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM519205 Datasheet HTML 1Page - OKI electronic componets MSM519205 Datasheet HTML 2Page - OKI electronic componets MSM519205 Datasheet HTML 3Page - OKI electronic componets MSM519205 Datasheet HTML 4Page - OKI electronic componets MSM519205 Datasheet HTML 5Page - OKI electronic componets MSM519205 Datasheet HTML 6Page - OKI electronic componets MSM519205 Datasheet HTML 7Page - OKI electronic componets MSM519205 Datasheet HTML 8Page - OKI electronic componets MSM519205 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
¡ Semiconductor
MSM519205
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
Capacitance
*: Ta = 25
°C
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
Symbol
IOS
PD*
Topr
Tstg
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Rating
mA
W
°C
°C
Parameter
V
Unit
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
Symbol
VSS
VIH
VIL
5.0
0
Typ.
Parameter
4.5
0
2.4
–1.0
Min.
5.5
0
6.5
0.8
Max.
(Ta = 0°C to 70°C)
V
Unit
V
V
V
Input Capacitance (A0 - A10)
Input Capacitance
Output Capacitance (DQ1, DQ2)
CIN1
Symbol
CIN2
CI/O
6
7
10
Max.
pF
Unit
pF
pF
Parameter
(VCC = 5 V ±10%, Ta = 25°C, f = 1 MHz)
Typ.
(
RAS, CAS1, CAS2, WE, OE)


Similar Part No. - MSM519205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519200 OKI-MSM519200 Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM519200-60 OKI-MSM519200-60 Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM519200-60SJ OKI-MSM519200-60SJ Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM519200-60TS-K OKI-MSM519200-60TS-K Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM519200-70 OKI-MSM519200-70 Datasheet
477Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM519205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518205 OKI-MSM518205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com