Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM519200-70SJ Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM519200-70SJ
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM519200-70SJ Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM519200-70SJ Datasheet HTML 2Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 3Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 4Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 5Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 6Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 7Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 8Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 9Page - OKI electronic componets MSM519200-70SJ Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
¡ Semiconductor
MSM519200
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from
RAS
Column Address to
RAS Lead Time
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
Access Time from
OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tCPA
tOFF
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tRCS
tRCH
tRRH
tOEA
tOEZ
tREF
tROH
tRHCP
Output Low Impedance Time from
CAS
tCLZ
CAS Precharge Time (Fast Page Mode)
tCP
tAR
Parameter
MSM519200
-60
MSM519200
-70
MSM519200
-80
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 11, 12
Symbol
Note
4, 5, 6
4, 5
4, 6
4, 14
7
16
5
6
14
13
13
13
8, 13
8
4
7
4
3
Max.
60
15
30
35
15
50
10,000
100,000
10,000
45
30
15
15
32
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
Min.
150
205
50
105
0
0
3
60
80
80
20
10
20
80
20
15
10
0
10
0
15
60
40
0
0
0
0
10
45
Max.
80
20
40
45
20
50
10,000
100,000
10,000
60
40
20
20
32
Min.
130
185
45
100
0
0
3
50
70
70
20
10
20
70
20
15
10
0
10
0
15
55
35
0
0
0
0
10
40
Max.
70
20
35
40
20
50
10,000
100,000
10,000
50
35
20
20
32
Min.
110
155
40
85
0
0
3
40
60
60
15
10
15
60
20
15
10
0
10
0
15
50
30
0
0
0
0
10
35


Similar Part No. - MSM519200-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205-60 OKI-MSM519205-60 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205-60SJ OKI-MSM519205-60SJ Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205-60TS-K OKI-MSM519205-60TS-K Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205-70 OKI-MSM519205-70 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM519200-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514100D OKI-MSM514100D Datasheet
262Kb / 17P
   4,194,304-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com