Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518121A-80 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM518121A-80
Description  131,072-Word X 8-Bit Multiport DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518121A-80 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM518121A-80 Datasheet HTML 1Page - OKI electronic componets MSM518121A-80 Datasheet HTML 2Page - OKI electronic componets MSM518121A-80 Datasheet HTML 3Page - OKI electronic componets MSM518121A-80 Datasheet HTML 4Page - OKI electronic componets MSM518121A-80 Datasheet HTML 5Page - OKI electronic componets MSM518121A-80 Datasheet HTML 6Page - OKI electronic componets MSM518121A-80 Datasheet HTML 7Page - OKI electronic componets MSM518121A-80 Datasheet HTML 8Page - OKI electronic componets MSM518121A-80 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
¡ Semiconductor
MSM518121A
1/33
¡ Semiconductor
MSM518121A
131,072-Word
¥ 8-Bit Multiport DRAM
DESCRIPTION
The MSM518121A is an 1-Mbit CMOS multiport memory composed of a 131,072-words by 8-bit
dynamic random access memory, RAM port, and a 256-word by 8-bit static serial access memory,
SAM port. The RAM port and SAM port operate independently and asynchronously.
The MSM518121A supports three types of operation: random access to and from the RAM port,
high speed serial access to and from the SAM port and bidirectional transfer of data between any
selected row in the RAM port and the SAM port. The RAM port and the SAM port can be accessed
independently except when data is being transferred between them internally.
FEATURES
• Single power supply of 5 V
±10% with a built-in VBB generator
• All inputs and outputs :TTL compatible
• Multiport organization
RAM port : 128K word ¥ 8 bits
SAM port :
256 word ¥ 8 bits
• RAM port
Fast page mode, Read modify write
CAS before RAS refresh, Hidden refresh
RAS only refresh, Standard write-per-bit
• SAM port
High speed serial
Read / Write capabillity
Fully static register
256 tap location
• RAM-SAM bidirectional, Read / Write / Pseudo write, Real time read transfer
• Package options:
40-pin 475 mil plastic ZIP
(ZIP40-P-475-1.27)
(Product : MSM518121A-xxZS)
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product : MSM518121A-xxJS)
xx indicates speed rank.
PRODUCT FAMILY
MSM518121A-70
MSM518121A-80
MSM518121A-10
Access Time
RAM
SAM
70 ns
25 ns
80 ns
25 ns
100 ns
25 ns
Cycle Time
RAM
SAM
140 ns
30 ns
150 ns
30 ns
180 ns
30 ns
Power Dissipation
Operating
120 mA
110 mA
100 mA
Standby
8 mA
8 mA
8 mA
Family
This version: Jan. 1998
Previous version: Dec. 1996


Similar Part No. - MSM518121A-80

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518122 OKI-MSM518122 Datasheet
624Kb / 45P
   131,072-Word x 8-Bit Multiport DRAM
MSM518126 OKI-MSM518126 Datasheet
231Kb / 16P
   131,072-Word x 8-Bit DYNAMIC RAM
MSM518126/L OKI-MSM518126/L Datasheet
231Kb / 16P
   131,072-Word x 8-Bit DYNAMIC RAM
MSM518126/L-45 OKI-MSM518126/L-45 Datasheet
231Kb / 16P
   131,072-Word x 8-Bit DYNAMIC RAM
MSM518126/L-50 OKI-MSM518126/L-50 Datasheet
231Kb / 16P
   131,072-Word x 8-Bit DYNAMIC RAM
More results

Similar Description - MSM518121A-80

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518122 OKI-MSM518122 Datasheet
624Kb / 45P
   131,072-Word x 8-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM54C864 OKI-MSM54C864 Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C865 OKI-MSM54C865 Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com