Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518205-70SJ Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM518205-70SJ
Description  4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518205-70SJ Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM518205-70SJ Datasheet HTML 3Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 4Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 5Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 6Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 7Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 8Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 9Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 10Page - OKI electronic componets MSM518205-70SJ Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
¡ Semiconductor
MSM518205
AC Characteristics (2/2)
Write Command Pulse Width
Write Command to
CAS Lead Time
Write Command to
RAS Lead Time
Data-in Set-up Time
Data-in Hold Time from
RAS
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to
WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
Write Command Hold Time from
RAS
OE Command Hold Time
OE to Data-in Delay Time
Write Command Set-up Time
RAS to CAS Set-up Time (CAS before RAS)
WE to RAS Precharge Time (CAS before RAS)
WE Hold Time from RAS (CAS before RAS)
RAS to WE Set-up Time (Test Mode)
CAS Precharge WE Delay Time
RAS to WE Hold Time (Test Mode)
tWP
tCWL
tRWL
tDS
tDHR
tCWD
tRWD
tAWD
tCSR
tCHR
tRPC
tDH
tWCH
tWCR
tOEH
tOED
tWCS
tWRP
tWRH
tWTS
tCPWD
tWTH
MSM518205
-60
MSM518205
-70
MSM518205
-80
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Parameter
Symbol
ns
ns
ns
10
10
10
Note
16
11, 14
10
10
10
14
15
14
11, 14
14
10, 14
10, 15
ns
20
Min.
Max.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
ns
Min.
10
20
20
0
45
50
100
65
10
20
10
15
15
50
20
20
0
70
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
tRCS
tRCH
tRRH
14
9, 14
9
ns
ns
ns
0
0
0
WE Pulse Width (DQ Disable)
tWPE
ns
10
OE Command Hold Time
OE Precharge Time
tOCH
tOEP
10
10
10
20
10
15
15
0
40
40
85
55
10
20
10
15
10
45
15
15
0
60
0
0
0
5
10
10
ns
ns
10
10
10
20
Min.
10
20
20
0
50
50
110
70
10
20
10
15
15
55
20
20
0
75
0
0
0
10
10
10
10
10
Max.
Max.


Similar Part No. - MSM518205-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60SJ OKI-MSM518200-60SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60TS-K OKI-MSM518200-60TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70SJ OKI-MSM518200-70SJ Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70TS-K OKI-MSM518200-70TS-K Datasheet
489Kb / 17P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM518205-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com