Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514400EL-70TS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514400EL-70TS-K
Description  1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514400EL-70TS-K Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514400EL-70TS-K Datasheet HTML 3Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 4Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 5Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 6Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 7Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 8Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 9Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 10Page - OKI electronic componets MSM514400EL-70TS-K Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MSM514400E/EL
7/14
PEDD514400EL-01
AC Characteristic (2/2)
(Vcc = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3,11,12
MSM514400
E/EL-60
MSM514400
E/EL-70
Parameter
Symbol
Min.
Max.
Min.
Max.
unit
Note
Column Address Set-up Time
tASC
0
0
ns
Column Address Hold Time
tCAH
10
15
ns
Column Address to RAS Lead Time
tRAL
30
35
ns
Read Command Set-up Time
tRCS
0
0
ns
Read Command Hold Time
tRCH
0
0
ns
8
Read Command Hold Time referenced
to RAS
tRRH
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
ns
9
Write Command Hold Time
tWCH
10
10
ns
Write Command Pulse Width
tWP
10
10
ns
OE Command Hold Time
tOEH
15
20
ns
Write Command to RAS Lead Time
tRWL
15
20
ns
Write Command to CAS Lead Time
tCWL
15
20
ns
Data-in Set-up Time
tDS
0
0
ns
10
Data-in Hold Time
tDH
10
15
ns
10
OE to Data-in Delay Time
tOED
15
20
ns
CAS to WE Delay Time
tCWD
40
50
ns
9
Column Address to WE Delay Time
tAWD
55
65
ns
9
RAS to WE Delay Time
tRWD
85
100
ns
9
CAS Precharge WE Delay Time
tCPWD
60
70
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
5
5
ns
RAS to CAS Set-up Time
(CAS before RAS)
tCSR
5
5
ns
RAS to CAS Hold Time
(CAS before RAS)
tCHR
10
10
ns
WE to RAS Precharge time
(CAS before RAS)
tWRP
10
10
ns
WE Hold Time (CAS before RAS)
tWRH
10
10
ns
WE Set-up Time (Test mode)
tWTS
10
10
ns
WE Hold Time (Test mode)
tWRH
10
10
ns


Similar Part No. - MSM514400EL-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514400EL-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400D OKI-MSM514400D Datasheet
499Kb / 17P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400 OKI-MSM51V4400 Datasheet
618Kb / 8P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com