Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK70215 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MK70215
Description  Bluetooth module operates in the 2.4 GHz ISM band.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK70215 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MK70215 Datasheet HTML 5Page - OKI electronic componets MK70215 Datasheet HTML 6Page - OKI electronic componets MK70215 Datasheet HTML 7Page - OKI electronic componets MK70215 Datasheet HTML 8Page - OKI electronic componets MK70215 Datasheet HTML 9Page - OKI electronic componets MK70215 Datasheet HTML 10Page - OKI electronic componets MK70215 Datasheet HTML 11Page - OKI electronic componets MK70215 Datasheet HTML 12Page - OKI electronic componets MK70215 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PEDL70215-01
OKI Semiconductor
MK70215
9/14
PCM Timing Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
PCMIN setup time to PCMCLK (input) fall
tPC0
500
-
-
PCMIN hold time to PCMCLK (input) fall
tPC1
500
-
-
PCMOUT setup time to PCMCLK (input) rise
tPC2
500
-
-
PCMOUT hold time to PCMCLK (input) rise
tPC3
500
-
-
PCMSYNC (input) setup time to PCMCLK (input) rise
tPC4
500
-
-
PCMSYNC (input) hold time to PCMCLK (input) rise
tPC5
500
-
-
PCMIN setup time to PCMCLK (output) fall
tPC7
500
-
-
PCMIN hold time to PCMCLK (output) fall
tPC8
500
-
-
PCMOUT setup time to PCMCLK (output) rise
tPC9
500
-
-
PCMOUT hold time to PCMCLK (output) rise
tPC10
500
-
-
Delay time from PCMCLK (output) rise to PCMSYNC (output)
tPC13
CL = 50 pF
-
-
500
ns
PCMCLK (input)
PCMIN
PCMOUT
tPC2
tPC3
tPC2
tPC3
tPC0
tPC1
PCMSYNC (input)
PCMSYNC (output)
tPC4
tPC5
tPC4
tPC5
tPC6
PCMCLK (output)
PCMIN
PCMOUT
tPC9
tPC10
tPC9
tPC10
tPC7
tPC8
PCMSYNC (input)
PCMSYNC (output)
tPC11
tPC12
tPC11
tPC12
tPC13
PCM Timing


Similar Part No. - MK70215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK70110 OKI-MK70110 Datasheet
206Kb / 16P
   Bluetooth Module
MK70120 OKI-MK70120 Datasheet
206Kb / 16P
   Bluetooth Module
logo
Freescale Semiconductor...
MK70FN1M0VMJ12 FREESCALE-MK70FN1M0VMJ12 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
logo
NXP Semiconductors
MK70FN1M0VMJ12 NXP-MK70FN1M0VMJ12 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Freescale Semiconductor...
MK70FN1M0VMJ15 FREESCALE-MK70FN1M0VMJ15 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
More results

Similar Description - MK70215

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
   Operates in the 2.4GHz ISM band
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608070ADT WALSIN-RFBLN1608070ADT Datasheet
927Kb / 7P
   2.4 GHz ISM Band Working Frequency
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com