Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK70215 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MK70215
Description  Bluetooth module operates in the 2.4 GHz ISM band.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK70215 Datasheet(HTML) 4 Page - OKI electronic componets

  MK70215 Datasheet HTML 1Page - OKI electronic componets MK70215 Datasheet HTML 2Page - OKI electronic componets MK70215 Datasheet HTML 3Page - OKI electronic componets MK70215 Datasheet HTML 4Page - OKI electronic componets MK70215 Datasheet HTML 5Page - OKI electronic componets MK70215 Datasheet HTML 6Page - OKI electronic componets MK70215 Datasheet HTML 7Page - OKI electronic componets MK70215 Datasheet HTML 8Page - OKI electronic componets MK70215 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PEDL70215-01
OKI Semiconductor
MK70215
4/14
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
VDD
3.0
3.3
3.6
V
“H” level input voltage
Vih
2.2
VDD
V
“L” level input voltage
Vil
0
0.8
V
Operating temperature
TOP
-30
25
75
°C
ELECTRICAL CHARACTERISTICS
Following values are valid for VDD = 3.3 V ±0.3 V, Ta = -30 to 75°C.
Values of the RF characteristics are defined at the RF_ANT pin for the module.
General Specifications
Items
Specification
Note
Conformance Specifications
Bluetooth Specification
Version 1.1
Power Class
Class 2
Frequency range
2,402 to 2,480 MHz
Number of channels
79ch
Channel separation
1 MHz
Modulation method
GFSK
RF input-output impedance
Nominal 50
2,402 to 2,480 MHz
Symbol Rate
1 Mbps


Similar Part No. - MK70215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK70110 OKI-MK70110 Datasheet
206Kb / 16P
   Bluetooth Module
MK70120 OKI-MK70120 Datasheet
206Kb / 16P
   Bluetooth Module
logo
Freescale Semiconductor...
MK70FN1M0VMJ12 FREESCALE-MK70FN1M0VMJ12 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
logo
NXP Semiconductors
MK70FN1M0VMJ12 NXP-MK70FN1M0VMJ12 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Freescale Semiconductor...
MK70FN1M0VMJ15 FREESCALE-MK70FN1M0VMJ15 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
More results

Similar Description - MK70215

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
   Operates in the 2.4GHz ISM band
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608070ADT WALSIN-RFBLN1608070ADT Datasheet
927Kb / 7P
   2.4 GHz ISM Band Working Frequency
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com