Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514265E-60TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM514265E-60TS-K
Description  262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265E-60TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM514265E-60TS-K Datasheet HTML 1Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 2Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 3Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 4Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 5Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 6Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 7Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 8Page - OKI electronic componets MSM514265E-60TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MSM514265E/ESL
PEDD514265ESL-01
DC Characteristics
(VCC = 5V ± 10%, Ta = 0°C to 70°C)
MSM514265
E/ESL-60
MSM514265
E/ESL-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Unit Note
Output High Voltage
VOH
IOH = −5.0mA
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 4.2mA
00.4
00.4
V
Input Leakage Current
ILI
0V
≤ VI ≤ VCC+0.5V;
All other pins not
under test = 0V
− 10
10
− 10
10
µA
Output Leakage Current
ILO
DQ disable
0V
≤ VO ≤ VCC
− 10
10
− 10
10
µA
Average Power Supply Current
(Operating)
ICC1
RAS, CAS cycling,
tRC = Min.
115
105
mA
1,2
RAS, CAS = V
IH
2
2
1
1
mA
1
Power Supply Current
(Standby)
ICC2
RAS, CAS ≥
VCC − 0.2V
200
200
µA
1,5
Average Power Supply Current
(RAS-only Refresh)
ICC3
RAS cycling,
CAS = V
IH,
tRC = Min.
115
105
mA
1,2
Power Supply Current
(Standby)
ICC5
RAS = V
IH,
CAS = V
IL,
DQ = enable
5
5mA
1
Average Power Supply Current
(CAS before RAS Refresh)
ICC6
RAS = cycling,
CAS before RAS
115
105
mA
1,2
Average Power Supply Current
(Fast Page Mode)
ICC7
RAS = V
IL,
CAS cycling,
tHPC = Min.
115
105
mA
1,3
Average Power Supply Current
(Battery Backup)
ICC10
tRC = 125µs
CAS before RAS
tRAS = 1µs
300
300
µA
1,4
,5
Average Power Supply Current
(CAS before RAS Self-Refresh)
ICCS
RAS ≤ 0.2V,
CAS ≤ 0.2V,
300
300
µA
1,5
Notes: 1.
ICC Max. is specified as ICC for output open condition.
2.
The address can be changed once or less while
RAS = V
IL.
3.
The address can be changed once or less while
CAS = V
IH.
4.
VCC − 0.2V ≤ VIH ≤ VCC + 0.5V, − 0.5V ≤ VIL ≤ 0.2V.
5.
SL version.


Similar Part No. - MSM514265E-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM514265E-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265C OKI-MSM514265C Datasheet
266Kb / 17P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com