Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK32VT832 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MK32VT832
Description  8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK32VT832 Datasheet(HTML) 4 Page - OKI electronic componets

  MK32VT832 Datasheet HTML 1Page - OKI electronic componets MK32VT832 Datasheet HTML 2Page - OKI electronic componets MK32VT832 Datasheet HTML 3Page - OKI electronic componets MK32VT832 Datasheet HTML 4Page - OKI electronic componets MK32VT832 Datasheet HTML 5Page - OKI electronic componets MK32VT832 Datasheet HTML 6Page - OKI electronic componets MK32VT832 Datasheet HTML 7Page - OKI electronic componets MK32VT832 Datasheet HTML 8Page - OKI electronic componets MK32VT832 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MK32VT832-10YC
Ñ98.07.21Ò
Page 4/11
SERIAL PRESENCE DETECT
Byte
No.
SPD
Hex Value
Remark
Notes
0
80
Defines the number of bytes written into
128 byte
SPD memory
1
08
Total number of bytes of SPD memory
256 byte
2
04
Fundamental memory type
SDRAM
3
0C
Number of rows
12 rows
4
08
Number of columns
8 columns
5
02
Number of module banks
2 bank
6
20
Data width of this assembly
32 bits
7
00
... Data width continuation
0
8
01
Voltage interface level
LVTTL
9
A0
Cycle time (CL=3)
CL=3
tCC=10ns
10
90
Access time from CLK (CL=3)
CL=3
tAC3=9ns
11
00
DIMM configuration type
None Parity
12
80
Refresh rate / type
Normal / Self
13
10
Primary SDRAM width
x16
14
00
Error checking SDRAM width
15
01
Minimum CLK delay
tCCD: 1 CLK
16
0E
Burst lengths supported
2, 4, 8
17
04
Number of banks on each SDRAM
4 banks
18
06
/CAS latency
2, 3
19
01
/CS latency
0
20
01
/WE latency
0
21
00
SDRAM module attributes
22
06
SDRAM device attributes : General
23
F0
Cycle time (CL=2)
CL=2
tCC2=15ns
24
90
Access time from CLK (CL=2)
CL=2
tAC2=9ns
25
00
Cycle time (CL=1)
Not support
26
00
Access time from CLK (CL=1)
Not support
27
1E
Minimum ROW pulse width
tRP=30ns
28
14
/RAS to /RAS bank delay
tRRD=20ns
29
1E
/RAS to /CAS delay
tRCD=30ns
30
3C
Minimum /RAS precharge time
tRAS=60ns
31
08
Density of each bank on module
32MB
32
30
Command and address signal input setup time
3ns
33
10
Command and address signal input hold time
1ns
34
30
Data signal input setup time
3ns
35
10
Data signal input hold time
1ns
36-61
00-00
Superset Information
R.F.U
62
02
SPD data revision code
02
63
3A
Checksum for byte 0-62
64-71
41,45,20,20,20,20,20,20
Manufacturer’s JEDEC ID code
72
01 / 06
Manufacturing location
73-90
4D,4B,33,32,56,54,38,33,32,
2D,31,30,59,43,20,20,20,20
Manufacturer’s part number
MK32VT832-10YC
91, 92
20, 20
Revision code
93-125
00-00
R.F.U
126
66
Intel specification frequency
66MHz
127
06
Intel specification /CAS latency
CL=2,3
128-255
FF-FF
Unused storage locations


Similar Part No. - MK32VT832

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT864-10YE OKI-MK32VT864-10YE Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results

Similar Description - MK32VT832

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1632 OKI-MK32VT1632 Datasheet
97Kb / 11P
   16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
   16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MK32VT1664A OKI-MK32VT1664A Datasheet
106Kb / 11P
   16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S4721E OKI-MSC23S4721E Datasheet
76Kb / 11P
   4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com