Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK31VT872A-8YC Datasheet(PDF) 8 Page - OKI electronic componets

Part # MK31VT872A-8YC
Description  8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK31VT872A-8YC Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MK31VT872A-8YC Datasheet HTML 3Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 4Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 5Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 6Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 7Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 8Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 9Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 10Page - OKI electronic componets MK31VT872A-8YC Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MK31VT872A-8YC
Ñ98.06.26Ò
AC CHARACTERISTIC
(Vcc=3.3V
± 0.3V,Ta = 0 to 70 °C)
NOTE
1,2
.
Parameter
Symbol
Module Spec.
Unit
Note
Min.
Max.
Clock Cycle Time
CL=3
tCC
8
-
ns
CL=2
12
-
ns
Access Time from Clock
CL=3
tAC
-
6
ns
3,4
CL=2
-
10
ns
3,4
Clock "H" Pulse Time
tCH
3
-
ns
Clock "L" Pulse Time
tCL
3
-
ns
Input Setup Time
tSI
2
-
ns
Input Hold Time
tHI
1
-
ns
Output Low
Impedance Time from Clock
tOLZ
3
-
ns
Output High Impedance Time from Clock
tOHZ
-
8
ns
Output Hold from Clock
tOH
3
-
ns
3
/RAS Cycle Time
tRC
80
-
ns
/RAS Precharge Time
tRP
30
-
ns
/RAS Active Time
tRAS
48
100,000
ns
/RAS to /CAS Delay Time
tRCD
20
-
ns
Write Recovery Time
tWR
8
-
ns
/RAS to /RAS Bank Active Delay Time
tRRD
16
-
ns
Refresh Time
tREF
-
64
ms
Power-down Exit Set-up Time
tPDE
tSI+1CLK
-
ns
Input Level Transition Time
tT
-
3
ns
/CAS to /CAS Delay Time (Min)
ICCD
1
Cycle
Clock Disable Time from CKE
ICKE
1
Cycle
Data Output High Impedance Time from
IDOZ
2
Cycle
Data Input Mask Time from DQMB
IDOD
0
Cycle
Data Input Time from Write Command
IDWD
0
Cycle
Data Output High Inpedance
CL=3
IROH
3
Cycle
Time from Precharge Command
CL=2
2
Cycle
Active Command Input Time from MODE
IMRD
2
Cycle
Write Command Input Time from Output
tOWD
2
Cycle
NOTES:
1)
AC measurements assume tT=1ns.
2)
The reference level for timing of input signals is 1.4V.
3)
This parameter is measured with a load circuit equivalent to 1 TTL load and 50pF
(R Load is 50ohm).
4)
An access time is measured at 1.4V.
5)
If tT is longer than 1ns, the reference level for timing of input signals are VIH and VIL.
ÌÒÑÍÒÑ
²­íÃ
OUTPUT LOAD
50
®«±ó


Similar Part No. - MK31VT872A-8YC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832-10YC OKI-MK31VT832-10YC Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864-10YE OKI-MK31VT864-10YE Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results

Similar Description - MK31VT872A-8YC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2640E OKI-MSC23S2640E Datasheet
71Kb / 11P
   2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
logo
Mitsubishi Electric Sem...
MH8S72BAFD-7 MITSUBISHI-MH8S72BAFD-7 Datasheet
732Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BCFD-6 MITSUBISHI-MH8S72BCFD-6 Datasheet
930Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BALD-6 MITSUBISHI-MH8S72BALD-6 Datasheet
584Kb / 40P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BBFD-7 MITSUBISHI-MH8S72BBFD-7 Datasheet
733Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com