Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK31VT864A-8YC Datasheet(PDF) 6 Page - OKI electronic componets

Part # MK31VT864A-8YC
Description  8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK31VT864A-8YC Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MK31VT864A-8YC Datasheet HTML 2Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 3Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 4Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 5Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 6Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 7Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 8Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 9Page - OKI electronic componets MK31VT864A-8YC Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MK31VT864A-8YC
Ñ98.07.17Ò
Page 6/11
DC CHARACTERISTICS
(Vcc=3.3V
± 0.3V, Ta = 0 to 70 °C)
Condition
Module Spec.
Parameter
Symbol
CKE
Others
Min.
Max.
Unit
Note
Output High Voltage
VOH
-
IOH = -2.0mA
2.4
-
V
Output Low Voltage
VOL
-
IOL = 2.0mA
-0.4
V
Input Leakage Current
ILI
-
-
-40
40
µA
Output Leakage
Current
ILO
-
-
-5
5
µA
Average Power Supply
Current
(Operating)
ICC1
CKE
≥ VIH
tCC=min.
tRC=min.
No Burst
-
1000
mA
1, 2
Power Supply Current
(Stand by)
ICC2
CKE
≥ VIH
tCC=min.
-
240
mA
3
Average Power
Supply Current
(Clock Suspension)
ICC3S
CKE
≤ VIL
tCC=min.
-
48
mA
2
Average Power
Supply Current
(Active Stand by)
ICC3
CKE
≥ VIH,
/CS
≥ VIH
tCC=min.
-
480
mA
3
Power Supply
Current (Burst)
ICC4
CKE
≥ VIH
tCC=min.
-
1320
mA
1, 2
Power Supply
Current
(Auto-Refresh)
ICC5
CKE
≥ VIH
tCC=min.
tRC=min.
-
1480
mA
2
Average Power
Supply Current
(Self-Refresh)
ICC6
CKE
≤ 0.2V
tCC=min.
-
8
mA
Average Power
Supply Current
(Power down)
ICC7
CKE
≤ VIL
tCC=min.
-
16
mA
Notes:
1.
Measured with the output open.
2.
Address and data can be changed once or not be changed during one cycle.
3.
Address and data can be changed once or not be changed during two cycle.
MODE SET ADDRESS KEYS
Write Burst
/CAS Latency
Burst Type
Burst Length
A9
Write Burst
A6A5A4
CL
A3
BT
A2A1A0
BT=0
BT=1
0
Burst Write
0
0
0
Reserved
0
Sequential
0
0
0
Reserved
Reserved
1Single bit Write
0
0
1
Reserved
1
Interleave
0
0
1
2
2
010
2
010
4
4
011
3
011
8
8
1
0
0
Reserved
1
0
0
Reserved
Reserved
1
0
1
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
1
1
1
Full page
Reserved
Note:
A7, A8, A10, A11, BA0, BA1 and All should stay "L" during mode set cycle.


Similar Part No. - MK31VT864A-8YC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864-10YE OKI-MK31VT864-10YE Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results

Similar Description - MK31VT864A-8YC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
   8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2640E OKI-MSC23S2640E Datasheet
71Kb / 11P
   2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
logo
Mitsubishi Electric Sem...
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
   536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
logo
OKI electronic componet...
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com